Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 9Page - NXP Semiconductors PCF2131TF Datasheet HTML 10Page - NXP Semiconductors PCF2131TF Datasheet HTML 11Page - NXP Semiconductors PCF2131TF Datasheet HTML 12Page - NXP Semiconductors PCF2131TF Datasheet HTML 13Page - NXP Semiconductors PCF2131TF Datasheet HTML 14Page - NXP Semiconductors PCF2131TF Datasheet HTML 15Page - NXP Semiconductors PCF2131TF Datasheet HTML 16Page - NXP Semiconductors PCF2131TF Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bit
Symbol
Value
Description
Reference
2
T
0
Unused
1
T
0
Unused
0
T
0
Unused
Table 12. Control_4 - control and status register 4 (address 03h) bit description...continued
7.2.5 Register Control_5
Bit
7
6
5
4
3
2
1
0
Symbol
TSIE1
TSIE2
TSIE3
TSIE4
T
T
T
T
Reset
value
0
0
0
0
0
0
0
0
Table 13. Control_5 - control and status register 5 (address 04h) bit allocation
Bit
Symbol
Value
Description
Reference
0
no interrupt generated from timestamp flag of TS1
7
TSIE1
1
interrupt generated when timestamp flag set of TS1
Section 7.13.5
0
no interrupt generated from timestamp flag of TS2
6
TSIE2
1
interrupt generated when timestamp flag set of TS2
Section 7.13.5
0
no interrupt generated from timestamp flag of TS3
5
TSIE3
1
interrupt generated when timestamp flag set of TS3
Section 7.13.5
0
no interrupt generated from timestamp flag of TS4
4
TSIE4
1
interrupt generated when timestamp flag set of TS4
Section 7.13.5
3 to 0
T
0
unused
-
Table 14. Control_5 - control and status register 5 (address 04h) bit description
7.3 Register CLKOUT_ctl
Bits labeled as T are unused and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by
subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
TCR[1:0]
OTPR
T
T
COF[2:0]
Reset
value
0
0
X
0
0
0
0
0
Table 15. CLKOUT_ctl - CLKOUT control register (address 13h) bit allocation
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
13 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com