Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 45Page - NXP Semiconductors PCF2131TF Datasheet HTML 46Page - NXP Semiconductors PCF2131TF Datasheet HTML 47Page - NXP Semiconductors PCF2131TF Datasheet HTML 48Page - NXP Semiconductors PCF2131TF Datasheet HTML 49Page - NXP Semiconductors PCF2131TF Datasheet HTML 50Page - NXP Semiconductors PCF2131TF Datasheet HTML 51Page - NXP Semiconductors PCF2131TF Datasheet HTML 52Page - NXP Semiconductors PCF2131TF Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.13.8 Interrupt masks
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
INT_A/B_MASK1
Reset
value
-
-
1
1
1
1
1
1
Table 80. INT_A/B_MASK1 - interrupt mask 1 register (address 31h/33h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
7 to 6
T
00
unused
5
MIA/B
1
minute interrupt mask
4
SIA/B
1
second interrupt mask
3
WD_CDA/B
1
watchdog interrupt mask
2
AIEA/B
1
alarm interrupt mask
1
BIEA/B
1
battery flag interrupt mask
0
BLIEA/B
1
battery low flag interrupt mask
Table 81. INT_A/B_MASK1 - interrupt mask 1 register (address 31h/33h) bit description
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
INT_A/B_MASK2
Reset
value
T
T
T
T
1
1
1
1
Table 82. INT_A/B_MASK2 - interrupt mask 2 register (address 32h/34h) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
7 to 4
T
0000
unused
3
TSIE1A/B
1
time stamp 1 interrupt mask
2
TSIE2A/B
1
time stamp 2 interrupt mask
1
TSIE3A/B
1
time stamp 3 interrupt mask
0
TSIE4A/B
1
time stamp 4 interrupt mask
Table 83. INT_A/B_MASK2 - interrupt mask 2 register (address 32h/34h) bit description
The registers at addresses 31h to 32h are used to configure interrupt source for INTA
pin, and the registers at addresses 33h to 34h are for INTB pin.
All of above interrupts could be masked from either INTA or INTB, with corresponding bit
set to ‘1’, as shown in Figure 17.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
49 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com