Electronic Components Datasheet Search
  English  ▼

X  

PCF2131TF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2131TF Datasheet HTML 1Page - NXP Semiconductors PCF2131TF Datasheet HTML 2Page - NXP Semiconductors PCF2131TF Datasheet HTML 3Page - NXP Semiconductors PCF2131TF Datasheet HTML 4Page - NXP Semiconductors PCF2131TF Datasheet HTML 5Page - NXP Semiconductors PCF2131TF Datasheet HTML 6Page - NXP Semiconductors PCF2131TF Datasheet HTML 7Page - NXP Semiconductors PCF2131TF Datasheet HTML 8Page - NXP Semiconductors PCF2131TF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Description
VBAT
16
battery supply voltage (backup)
connect to VSS if battery switch-over is not used
VDD
15
supply voltage
Exposed Pad
Tie to VSS (preferred)[1] or leave floating
Table 3. Pin description...continued
[1]
This protects against signal feedback to the oscillator if routed close to the part.
7 Functional description
The PCF2131 is a Real Time Clock (RTC) and calendar with an on-chip Temperature
Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz crystal integrated
into the same package.
Address and data are transferred by a selectable 400 kHz Fast-mode I2C-bus or a 4-line
SPI-bus with separate data input and output (see Section 7.16). The maximum speed of
the SPI-bus is 6.5 Mbit/s.
The PCF2131 has a backup battery input pin and backup battery switch-over circuit
which monitors the main power supply. The backup battery switch-over circuit
automatically switches to the backup battery when a power failure condition is detected
(see Section 7.5.1). Accurate timekeeping is maintained even when the main power
supply is interrupted.
A battery low detection circuit monitors the status of the battery (see Section 7.5.2).
When the battery voltage drops below a certain threshold value, a flag is set to indicate
that the battery must be replaced soon. This ensures the integrity of the data during
periods of battery backup.
7.1 Register overview
The PCF2131 contains an auto-incrementing address register: the built-in address
register will increment automatically after each read or write of a data byte up to the
register 36h. After register 36h, the auto-incrementing will wrap around to address 00h
(see Figure 3).
aaa-041564
address register
00h
auto-increment
wrap around
01h
02h
03h
...
34h
35h
36h
Figure 3. Handling address registers
• The first five registers (memory address 00h, 01h, 02h, 03h and 04h) are used as
control registers (see Section 7.2).
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
5 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com