| Electronic Components Datasheet Search |
|
AT25QL641 Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
AT25QL641 Datasheet(HTML) 31 Page - Renesas Technology Corp |
|
31 / 80 page ![]() DS-AT25QL641-130 Rev. G Page 31 Sep 14, 2022 © 2022 Renesas Electronics AT25QL641 Datasheet 8.12 Fast Read Quad Output (6Bh) By using four pins (I/O0, I/O1, I/O2, and I/O3), the Fast Read Quad Output command allows data to be transferred from the AT25QL641 at four times the rate of standard SPI devices. A Quad enable of Status Register- 2 must be executed before the device accepts the Fast Read Quad Output command (Status register bit QE must equal 1). The Fast Read Quad Output command can operate at the highest possible frequency of FR (see Table 26, AC Electrical Characteristics). This is accomplished by adding eight dummy clocks after the 24-bit address as shown in Figure 19. The dummy clocks allow the internal circuits additional time for setting up the initial address. During the dummy clocks, the data value on the SO pin is a don’t care. However, the I/O0 pin should be high- impedance prior to the falling edge of the first data out clock. Figure 19. Fast Read Quad Output Command (SPI Mode) 39 40 41 42 43 44 45 31 32 33 34 35 36 37 38 46 47 35 246 7 28 30 10 29 31 9 8 23 22 21 3 2 1 0 0 0 1 Mode 3 Mode 0 High-Impedance High-Impedance SCK CS SCK CS Command (6Bh) 24-Bit Address MSB Dummy Clocks Byte 1 Byte 2 Byte 3 Byte 4 7 6 3 4 2 04 6 7 High-Impedance 5 High-Impedance 51 7 6 3 4 2 0 51 7 6 3 4 2 0 51 7 6 3 4 2 0 51 High-Impedance High-Impedance IO 0 switches from Input to Output IO IO IO IO IO IO IO IO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |