Electronic Components Datasheet Search
  English  ▼

X  

AT25QL641 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 42Page - Renesas Technology Corp AT25QL641 Datasheet HTML 43Page - Renesas Technology Corp AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp AT25QL641 Datasheet HTML 48Page - Renesas Technology Corp AT25QL641 Datasheet HTML 49Page - Renesas Technology Corp AT25QL641 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 46
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.23 Deep Power-Down (B9h)
Executing the Deep Power-Down command is the best way to put the device in the lowest power consumption.
The Deep Power-Down command reduces the standby current (from ICC1 to ICC2, as specified in Table 26, AC
Electrical Characteristics). The command is entered by driving the CS pin low with following the command code
B9h. See Figure 40 and Figure 41.
The CS pin must go high exactly at the byte boundary (the latest eighth bit of command code been latched-
in); otherwise, the Deep Power-Down command is not executed. After CS goes high, it requires a delay of tDP and
the Deep Power-Down mode is entered. While in the Deep Power-Down state, the Release Deep Power-Down /
Device ID (ABh) command, which restores the device to normal operation, is recognized. All other commands are
ignored, including the Read Status Register (05h) command, which is always available during normal operation.
Figure 40. Deep Power-Down Command (SPI Mode)
Figure 41. Deep Power-Down Command (QPI Mode)
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
Power-Down Current
Stand-By Current
SI
SCK
CS
Command (B9h)
t
DP
SCK
CS
1
0
Mode 3
Command
B9h
Mode 0
Mode 3
Mode 0
tDP
Power-Down mode
Stand-By mode
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com