Electronic Components Datasheet Search
  English  ▼

X  

AT25QL641 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 65Page - Renesas Technology Corp AT25QL641 Datasheet HTML 66Page - Renesas Technology Corp AT25QL641 Datasheet HTML 67Page - Renesas Technology Corp AT25QL641 Datasheet HTML 68Page - Renesas Technology Corp AT25QL641 Datasheet HTML 69Page - Renesas Technology Corp AT25QL641 Datasheet HTML 70Page - Renesas Technology Corp AT25QL641 Datasheet HTML 71Page - Renesas Technology Corp AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 69
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.39 Write Security Register (2Fh)
The Write Security Register command is for change the state of the bits in the Security Register. Unlike the
Write Status Register command, the Write Enable command is not required before executing the Write Security
Register command. The command may change the value of bit 1 (LDSO bit) for a customer to lock down the 4-
kbit Secured OTP area. Once the LDSO bit is set to 1, the Secured OTP area cannot be updated any more.
The CS must go high exactly at the boundary; otherwise, the command is not executed.
Figure 64. Write Security Register Command for SPI Mode (left) and QPI Mode (right)
8.40 4-kbit Secured OTP
The AT25QL641 provides a 4-kbit one-time-program area for setting a unique serial number which can be set
by either the factory or the customer. Security register bit 0 indicates whether the chip is locked by factory or not.
The 4-kbit OTP space is accessed using the B1h command as described above. After the OTP value has been
programmed, the C1h command is used to exit from the secured OTP space.
The secure OTP space is divided into a 128-bit electronic serial number, and 3968 bits is user-defined data as
shown in Table 19.
Note. Once the OTP space is locked down, either by the factory or the customer, it cannot be changed any
more. While in 4-kbit secured OTP mode, array access is not allowed to write.
Table 19. Secure OTP Address Space
Address Range
Size
Standard
Customer Lock
000000 ~ 00000F
128-bit
ESN
(Electrical Serial Number)
Determined by customer
000010 ~ 0001FF
3968-bit
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com