Electronic Components Datasheet Search
  English  ▼

X  

AT25QL641 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 32Page - Renesas Technology Corp AT25QL641 Datasheet HTML 33Page - Renesas Technology Corp AT25QL641 Datasheet HTML 34Page - Renesas Technology Corp AT25QL641 Datasheet HTML 35Page - Renesas Technology Corp AT25QL641 Datasheet HTML 36Page - Renesas Technology Corp AT25QL641 Datasheet HTML 37Page - Renesas Technology Corp AT25QL641 Datasheet HTML 38Page - Renesas Technology Corp AT25QL641 Datasheet HTML 39Page - Renesas Technology Corp AT25QL641 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 36
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.15 Page Program (02h)
The Page Program command is for programming the memory to be 0. A Write Enable command must be issued
before the device accept the Page Program Command (Status Register bit WEL= 1). After the Write Enable
(WREN) command has been decoded, the device sets the Write Enable Latch (WEL). The command is entered
by driving the CS pin low and then sending the command code 02h followed by a 24-bits address (A23-A0) and
at least one data byte on the SI pin. The CS pin must be driven low for the entire time of the command while data
is being sent to the device. (See Figure 25 and Figure 26.)
If an entire 256 byte page is to be programmed, the last address byte (the 8 least significant address bits) should
be set to 0. If the last address byte is not zero, and the number of clocks exceeds the remaining page length,
the addressing wraps around to the beginning of the page. In some cases, less than 256 bytes (a partial page)
can be programmed without having any effect on other bytes within the same page. One condition to perform a
partial page program is that the number of clocks cannot exceed the remaining page length. If more than 256
bytes are sent to the device the addressing wraps around to the beginning of the page and overwrites previously
sent data.
The CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done, the Page
Program command is not executed. After CS is driven high, the self-timed Page Program command
commences for a time duration of tPP (see Table 26, AC Electrical Characteristics). While the page program
operation is in progress, the Read Status Register command may still be accessed for checking the status of the
BUSY bit. The BUSY bit is a 1 during the Page Program cycle and becomes a 0 when the cycle is finished and
the device is ready to accept other commands again. When the BUSY bit is asserted, the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0.
Figure 25. Page Program Command (SPI Mode)
31
30
29
28
32 33
37
36
35
34
38 39
SI
SCK
CS
Command (02h)
24-Bit Address
Data Byte 1
321
076
543
210
0
123
45
6
7
89 10
21
22
23
Mode 3
Mode 0
55
54
43
42
41
40
44 45
49
48
47
46
50 51 52 53
39
SI
SCK
CS
Data Byte 2
Data Byte 3
Data Byte 256
76
543
210
07
6
543
210
76
543
210
Mode 3
Mode 0
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com