Electronic Components Datasheet Search
  English  ▼

X  

AT25QL641 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp AT25QL641 Datasheet HTML 48Page - Renesas Technology Corp AT25QL641 Datasheet HTML 49Page - Renesas Technology Corp AT25QL641 Datasheet HTML 50Page - Renesas Technology Corp AT25QL641 Datasheet HTML 51Page - Renesas Technology Corp AT25QL641 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 48
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
Figure 44. Release Power-Down / Device ID Command (SPI Mode)
8.25 Read Manufacturer / Device ID I/O (90h)
The Read Manufacturer/ Device ID command provides both the JEDEC assigned manufacturer ID and the
specific device ID. This command can be issued in both SPI mode and QPI mode. In SPI mode, the 90h
command is called a 1-1-1 transfer, where the command, address, and data are all driven on a single pin (SI for
command and address, and SO for data). In QPI mode, the 90h command is called a 4-4-4 transfer, where the
command, address, and data are driven on the bidirectional IO0 - IO3 pins.
Note that in QPI mode, the following events must occur in this order:
1. Set the QE bit in Status Register-2
2. Execute the QPI Enable (38h) command
3. Execute the 90h command
In SPI mode, the operation is initiated by driving the CS pin low and then driving the command code 90h onto the
SI pin, followed by a 24-bit address (A23-A0) of 000000h. The 90h command requires 8 clocks to transfer, and
the 24-bit address requires 24 clocks to transfer. The Manufacturer ID for Renesas Electronics (1Fh) and the
Device ID (17h) are shifted out on the SO pin on the falling edge of SCK with most significant bit (MSB) first. A
minimum or 16 clocks are required to transfer the manufacturer and device ID information. If the
24-bit address is initially set to 000001h the Device ID is read first and then followed by the Manufacturer ID.
The Manufacturer and Device ID can be read continuously, alternating from one to the other. The command is
completed by driving CS high.
In QPI mode, the SI, SO, WP, and HOLD pins are configured as bidirectional pins IO0, IO1, IO2, and IO3
respectively. The 90h operation the operation is initiated by driving the CS pin low and then driving the command
code 90h onto the IO0 - IO3 pins, followed by a 24-bit address (A23-A0) of 000000h. The 90h command requires
2 clocks to transfer, and the 24-bit address requires 6 clocks to transfer. The Manufacturer ID for Renesas
Electronics (1Fh) and the Device ID (17h) are shifted out on the bidirectional IO0 - IO3 pins on the falling edge of
SCK, with most significant bit (MSB) first. A minimum or 4 clocks are required to transfer the
manufacturer and device ID information. If the 24-bit address is initially set to 000001h the Device ID is
read first and then followed by the Manufacturer ID. The Manufacturer and Device ID can be read continuously,
alternating from one to the other. The command is completed by driving CS high.
Figure 45 shows the 90h command as executed in SPI mode. In this mode the command and address are driven
on the SI pin.
35
246
7
29
31
30
32
34
33
35
37
38
36
9
8
23
22
2
1
0
01
Mode 3
Mode 0
Mode 3
Mode 0
t
RES2
Power-Down Current
Stand-By Current
High-Impedance
SCK
CS
Command (ABh)
3 Dummy Bytes
Device ID
76
5
43
2
10
MSB
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com