Electronic Components Datasheet Search
  English  ▼

X  

CV141 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CV141
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV141 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CV141 Datasheet HTML 1Page - Renesas Technology Corp CV141 Datasheet HTML 2Page - Renesas Technology Corp CV141 Datasheet HTML 3Page - Renesas Technology Corp CV141 Datasheet HTML 4Page - Renesas Technology Corp CV141 Datasheet HTML 5Page - Renesas Technology Corp CV141 Datasheet HTML 6Page - Renesas Technology Corp CV141 Datasheet HTML 7Page - Renesas Technology Corp CV141 Datasheet HTML 8Page - Renesas Technology Corp CV141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
3
PIN DESCRIPTION
Pin Name
Type
Pin #
Description
SRC_IN, SRC_IN#
IN, DIF
4,5
0.7V differential SRC input
8, 9, 12, 13, 16, 17,
DIF_[7:0], DIF_ [7:0]#
OUT, DIF
20, 21, 29, 30, 33,
0.7Vdifferentialclockoutput
34, 37, 38, 41, 42
OE[7:0]
I N
6, 7, 14, 15,
3.3V LVTTL input for enabling differential outputs (see OE_INV table)
35, 36, 43, 44
PWRDWN
I N
26
3.3V LVTTL for power down (see OE_INV table)
IREF
I N
46
Referencecurrentfordifferentialoutput
LOCK
OUT
45
HIGH, locked
PLL/Bypass#
I N
22
1 = PLL mode, 0 = bypass, PLL OFF
HIGH_BW#
I N
28
0 = HIGH BW, 1 = LOW BW (see HIGH_BW# Selection table)
SRC_DIV2#
I N
1
LOW = divide by 2 mode
SRC_STOP
I N
27
SRC stop (see OE_INV table)
SCL
I N
23
SMBus clock
SDA
I/O, Open Collector
24
SMBus data
OE_INV
I N
40
(see OE_INV table)
INDEX BLOCK WRITE PROTOCOL
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
DCh
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Register offset byte (starting byte)
19
1
Slave
Ack (Acknowledge)
20-27
8
Master
Byte count, N (0 is not valid)
28
1
Slave
Ack (Acknowledge)
29-36
8
Master
first data byte (Offset data byte)
37
1
Slave
Ack (Acknowledge)
38-45
8
Master
2nd data byte
46
1
Slave
Ack (Acknowledge)
:
Master
Nth data byte
Slave
Acknowledge
Master
Stop
INDEX BLOCK READ PROTOCOL
Master can stop reading any time by issuing the stop bit without waiting
until Nth byte (byte count bit30-37).
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
DCh
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Register offset byte (starting byte)
19
1
Slave
Ack (Acknowledge)
20
1
Master
RepeatedStart
21-28
8
Master
DDh
29
1
Slave
Ack (Acknowledge)
30-37
8
Slave
Byte count, N (block read back of N
bytes), power on is 8
38
1
Master
Ack (Acknowledge)
39-46
8
Slave
first data byte (Offset data byte)
47
1
Master
Ack (Acknowledge)
48-55
8
Slave
2nd data byte
Ack (Acknowledge)
:
Master
Ack (Acknowledge)
Slave
Nth data byte
Not acknowledge
Master
Stop
INDEX BYTE WRITE
Setting bit[11:18] = starting address, bit[20:27] = 01h.
INDEX BYTE READ
Setting bit[11:18] = starting address. After reading back the first data byte,
master issues Stop bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com