Electronic Components Datasheet Search
  English  ▼

X  

CV141 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CV141
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV141 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CV141 Datasheet HTML 3Page - Renesas Technology Corp CV141 Datasheet HTML 4Page - Renesas Technology Corp CV141 Datasheet HTML 5Page - Renesas Technology Corp CV141 Datasheet HTML 6Page - Renesas Technology Corp CV141 Datasheet HTML 7Page - Renesas Technology Corp CV141 Datasheet HTML 8Page - Renesas Technology Corp CV141 Datasheet HTML 9Page - Renesas Technology Corp CV141 Datasheet HTML 10Page - Renesas Technology Corp CV141 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
7
DIF AC TIMING CHARACTERISTICS
PLL Bandwidth and Peaking
Symbol
Parameter
Min
Typ
Max
Units
TPROP,PLL
SRC_IN to DIF Propagation Delay, PLL Mode(1)
-250
—
250
ps
TPROP,BYPASS
SRC_IN to DIF Propagation Delay, Bypass Mode(1)
2.5
—
4.5
ns
TSKEW
DIF_[7:0] Pin to Pin Skew(1)
—
—
250
ps
PLLbandwidth
HIGH_BW#=0 (high bandwidth)(1)
2
3
4
MHz
PLLbandwidth
HIGH_BW#=1 (low bandwidth)(1)
0.7
1
1.4
MHz
PLL Peaking
PLL Peaking(1,2)
—1
3
dB
TCCJITTER
Cycle to Cycle Jitter(1)
——
50
pS
Duty cycle
PLL Mode(1)
45
—
55
%
Duty cycle
Bypass (assume input is 50%)(1)
40
—
60
%
OUTPUTCONTROL
Symbol
Parameter
Min
Typ
Max
Units
TDRIVE_PWRDWN
CLK driven from PD De_Assertion
—
—
300
μs
TACTIVE_PWRDWN
CLK Toggling from PD De_Assertion
—
—
1
ms
TACTIVE_OE
CLK toggling from OE_[7:0] Assertion
2
—
6
Clock Periods
TINACTIVE_OE
CLK Tri-stated from OE_[7:0] De_Assertion
2
—
6
Clock Periods
PWRDWN (OE_INV = 0)
The PWRDWN signal is a de-bounced signal in that its state must remain unchanged
during two consecutive rising edges of DIF# to be recognized as a valid assertion or
de-assertion.
PWRDWN
DIF
DIF#
1
Normal
Normal
0
Iref*2 or Float
Float
SRC_STOP (OE_INV = 0)
The SRC_STOP signal is a de-bounced signal in that its state must remain unchanged
during two consecutive rising edges of DIF# to be recognized as a valid assertion or de-
assertion.
SRC_STOP
DIF
DIF#
1
Normal
Normal
0
Iref*6 or Float
Float
PWRDWN (OE_INV = 1)
PWRDWN
DIF
DIF#
1
Iref*2 or Float
Float
0
Normal
Normal
SRC_STOP (OE_INV = 1)
SRC_STOP
DIF
DIF#
1
Iref*6 or Float
Float
0
Normal
Normal
NOTES:
1.
This parameter is guaranteed by design, but not 100% production tested.
2.
Measured at 3dB downpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com