Electronic Components Datasheet Search
  English  ▼

X  

CV141 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CV141
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV141 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CV141 Datasheet HTML 1Page - Renesas Technology Corp CV141 Datasheet HTML 2Page - Renesas Technology Corp CV141 Datasheet HTML 3Page - Renesas Technology Corp CV141 Datasheet HTML 4Page - Renesas Technology Corp CV141 Datasheet HTML 5Page - Renesas Technology Corp CV141 Datasheet HTML 6Page - Renesas Technology Corp CV141 Datasheet HTML 7Page - Renesas Technology Corp CV141 Datasheet HTML 8Page - Renesas Technology Corp CV141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
COMMERCIALTEMPERATURERANGE
4
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
BYTE 0
Bit
Output(s) Affected
Description/Function
0
1
Type
Power On
7
PowerDown dirve mode
Driven
Tri-state
RW
0
6
SRC_STOP# drive mode
Driven
Tri-state
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
High_BW#
Logically AND with HW pin
High band width
Low band width
RW
1
1
PLL/Bypass#
Logically AND with HW pin
Bypass
PLL mode
RW
1
0
SRC_DIV2#
Logically AND with HW pin
Divided by 2
Normal
RW
1
BYTE 2
Bit
Output(s) Affected
Description/Function
0
1
Type
Power On
7
DIFF_7
Free Running with SRC_STOP#
Free
stopped
RW
0
6
DIFF_6
Free Running with SRC_STOP#
Free
stopped
RW
0
5
DIFF_5
Free Running with SRC_STOP#
Free
stopped
RW
0
4
DIFF_4
Free Running with SRC_STOP#
Free
stopped
RW
0
3
DIFF_3
Free Running with SRC_STOP#
Free
stopped
RW
0
2
DIFF_2
Free Running with SRC_STOP#
Free
stopped
RW
0
1
DIFF_1
Free Running with SRC_STOP#
Free
stopped
RW
0
0
DIFF_0
Free Running with SRC_STOP#
Free
stopped
RW
0
BYTE 1
Bit
Output(s) Affected
Description/Function
0
1
Type
Power On
7
DIFF_7
OutputEnable
Tristate
Enable
RW
1
6
DIFF_6
OutputEnable
Tristate
Enable
RW
1
5
DIFF_5
OutputEnable
Tristate
Enable
RW
1
4
DIFF_4
OutputEnable
Tristate
Enable
RW
1
3
DIFF_3
OutputEnable
Tristate
Enable
RW
1
2
DIFF_2
OutputEnable
Tristate
Enable
RW
1
1
DIFF_1
OutputEnable
Tristate
Enable
RW
1
0
DIFF_0
OutputEnable
Tristate
Enable
RW
1
BYTE 3
Bit
Output(s) Affected
Description / Function
0
1
Type
Power On
7
Reserved
RW
6
Reserved
RW
5
Reserved
RW
4
Reserved
RW
3
Reserved
RW
2
Reserved
RW
1
Reserved
RW
0
Reserved
RW
CONTROLREGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com