Electronic Components Datasheet Search
  English  ▼

X  

CV141 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CV141
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV141 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CV141 Datasheet HTML 1Page - Renesas Technology Corp CV141 Datasheet HTML 2Page - Renesas Technology Corp CV141 Datasheet HTML 3Page - Renesas Technology Corp CV141 Datasheet HTML 4Page - Renesas Technology Corp CV141 Datasheet HTML 5Page - Renesas Technology Corp CV141 Datasheet HTML 6Page - Renesas Technology Corp CV141 Datasheet HTML 7Page - Renesas Technology Corp CV141 Datasheet HTML 8Page - Renesas Technology Corp CV141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
5
BYTE 4
Bit
Output(s) Affected
Description / Function
0
1
Type
Power On
7
Revision ID
R
0
6
Revision ID
R
0
5
Revision ID
R
0
4
Revision ID
R
0
3
Vendor ID
R
0
2
Vendor ID
R
1
1
Vendor ID
R
0
0
Vendor ID
R
1
BYTE 62 = 10h
BYTE 63 = 14h
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
3.3V ± 5%
2
—
VDD + 0.3
V
VIL
Input LOW Voltage
3.3V ± 5%
VSS - 0.3
—
0.8
V
IIH
Input HIGH Current
VIN = VDD
–5
—
5
µ A
IIL1
Input LOW Current
VIN = 0V, inputs with no pull-up resistors
–5
—
—
µ A
IIL2
Input LOW Current
VIN = 0V, inputs with pull-up resistors
–200
—
—
µ A
LPIN
Pin Inductance(2)
——
7
nH
CIN
Input Capacitance(2)
Logic inputs
—
—
5
pF
COUT
Output pin capacitance
—
—
6
ELECTRICAL CHARACTERISTICS - INPUT / SUPPLY / COMMON OUTPUT
PARAMETERS
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com