Electronic Components Datasheet Search
  English  ▼

X  

CV141 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CV141
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV141 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CV141 Datasheet HTML 2Page - Renesas Technology Corp CV141 Datasheet HTML 3Page - Renesas Technology Corp CV141 Datasheet HTML 4Page - Renesas Technology Corp CV141 Datasheet HTML 5Page - Renesas Technology Corp CV141 Datasheet HTML 6Page - Renesas Technology Corp CV141 Datasheet HTML 7Page - Renesas Technology Corp CV141 Datasheet HTML 8Page - Renesas Technology Corp CV141 Datasheet HTML 9Page - Renesas Technology Corp CV141 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
COMMERCIALTEMPERATURERANGE
6
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
ELECTRICAL CHARACTERISTICS - DIF 0.7 CURRENT MODE DIFFERENTIAL PAIR
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%; CL = 2pF
Symbol
Parameter(1)
Test Conditions
Min.
Typ.
Max.
Unit
VHIGH
Voltage HIGH
+150
—
—
mV
VLOW
Voltage LOW
—
—
–150
VMAX
Max Input Voltage
Measurement on single-ended signal using absolute value
—
—
1150
mV
VMIN
Min Input Voltage
–300
—
—
VCROSS(ABS)
Crossing Voltage (abs)
250
—
550
mV
tR
Rise Time
VOL = 0.175V, VOH = 0.525V
175
—
700
ps
tF
Fall Time
VOL = 0.175V, VOH = 0.525V
175
—
700
ps
d-tR
Rise Time Variation
—
—
125
ps
d-tF
Fall Time Variation
—
—
125
ps
dT3
Duty Cycle
Measurement from differential waveform
45
—
55
%
tSK3
Output Pin-to-Pin Skew
VT = 50%
—
—
50
ps
tJCYC-CYC
Jitter, Cycle to Cycle(2)
Measurement from differential waveform
—
—
50
ps
SRC_IN 0.7V AC TIMING CHARACTERISTICS
Symbol
Parameter(1)
Min.
Max.
Unit
Rising Edge Rate
Rising Edge Rate
0.6
4
V/ns
Falling Edge Rate
Falling Edge Rate
0.6
4
V/ns
VIH
Differential Input HIGH Voltage
+150
—
mV
VIL
Differential Input LOW Voltage
—
–150
mV
VCROSS
Absolute Crossing Point Voltages
250
550
mV
VMAX
Absolute Maximum Input Voltage
—
+1.15
V
VMIN
Absolute Minimum Input Voltage
–0.3
—
V
Duty Cycle
SRC_IN Duty Cycle
45
55
%
NOTES:
1.
Parameter is guaranteed by design, but not 100% production tested.
2.
Bypass mode, additive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com