Electronic Components Datasheet Search
  English  ▼

X  

CV145 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CV145 Datasheet HTML 1Page - Renesas Technology Corp CV145 Datasheet HTML 2Page - Renesas Technology Corp CV145 Datasheet HTML 3Page - Renesas Technology Corp CV145 Datasheet HTML 4Page - Renesas Technology Corp CV145 Datasheet HTML 5Page - Renesas Technology Corp CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
3
PIN DESCRIPTION
Pin Name
Type
Pin #
Description
CLK_IN, CLK_IN#
IN
70,71
0.7vDifferentialinput
DIF_[16:0] & DIF_[16:0]#
OUT
6 - 9, 12 - 17, 22, 23, 25,
0.7VDifferentialclockoutputs,gearedtoaratiooftheinputclock
26, 30, 31, 33, 34, 38, 39,
41, 42, 44, 45, 49, 50, 52,
53, 55, 56, 58, 59, 61, 62
DIF & DIF# [18:17]
OUT
65 - 68
0.7VDifferentialclockoutputs,whichcanbeconfiguredtobe1:1insteadofgeared.Default
isgearedsameas0-9outputs.
OE_[16:5]#
IN
21, 24, 29, 32, 37, 40, 43,
3.3VLVTTLactiveLOWinputforenablingcorrespondingdifferentialoutputclock.Clocks
48, 51, 54, 57, 60
also can be disabled via SMBus registers
OE _17_18#
IN
69
3.3VLVTTLactivelowinputforenablingboth DIF10and11differentialoutputclocks.Clocks
also can be disabled via SMBus registers individually.
OE_01234#
IN
18
3.3VLVTTLinput
HIGH_BW#
IN
4
3.3 V LVTTL input for selecting the PLL bandwidth. 0 = HIGH BW, 1 = LOW BW.
SCL
IN
19
SMBus slave clock input
SDA
I/O, OC
20
Open collector SMBus data
IREF
IN
1
Aprecisionresistorisattachedtothispintosetthedifferentialoutputcurrent
SA_[1:0]
IN
35, 36
3.3V LVTTL input selecting the address. SA_[2:0] set device SMBus address.
SA_2/PLL_BYPASS#
IN
72
3.3 V LVTTL input for PLLbypass and SMBus address
FS_A
IN
5
3.3VLVTTLinputtoestablishaHIGH(>200Mhz)orLOWfrequency(<200Mhz)range
PD#
IN
3
3.3 V LVTTL input to power up or power down the device (see PD Functionality table).
OE FUNCTIONALITY
OE# - Pin
OE# - SMBus bit
DIF
DIFF]#
0
1
Normal
Normal
0
0
Tristate
Tristate
1
1
Tristate
Tristate
1
0
Tristate
Tristate
Symbol
Description
Min.
Max.
Unit
VDDA
3.3V Core Supply Voltage
4.6
V
VDDIN
3.3V Logic Input Supply Voltage GND - 0.5
4.6
V
TSTG
Storage Temperature
–65
+150
°C
TAMBIENT
Ambient Operating Temperature
0
+70
°C
TCASE
Case Temperature
+115
°C
ESD Prot
Input ESD Protection
2000
V
Human Body Model
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PD FUNCTIONALITY
Inputs
Outputs
PD# / VDDA
CLK_IN / CLK_IN#
DIF
DIF#
PLL State
3.3V (Nom)
Running
Running
ON
GND
X
Hi-Z
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com