Electronic Components Datasheet Search
  English  ▼

X  

CV145 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CV145 Datasheet HTML 1Page - Renesas Technology Corp CV145 Datasheet HTML 2Page - Renesas Technology Corp CV145 Datasheet HTML 3Page - Renesas Technology Corp CV145 Datasheet HTML 4Page - Renesas Technology Corp CV145 Datasheet HTML 5Page - Renesas Technology Corp CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
COMMERCIALTEMPERATURERANGE
4
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
INDEX BLOCK WRITE PROTOCOL
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
See SMBus Address Mode table
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Registeroffsetbyte(startingbyte)
19
1
Slave
Ack (Acknowledge)
20-27
8
Master
Byte count, N (0 is not valid)
28
1
Slave
Ack (Acknowledge)
29-36
8
Master
first data byte (Offset data byte)
37
1
Slave
Ack (Acknowledge)
38-45
8
Master
2nd data byte
46
1
Slave
Ack (Acknowledge)
:
Master
Nth data byte
Slave
Acknowledge
Master
Stop
INDEX BLOCK READ PROTOCOL
Master can stop reading any time by issuing the stop bit without waiting
until Nth byte (byte count bit30-37).
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
See SMBus Address Mode table
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Registeroffsetbyte(startingbyte)
19
1
Slave
Ack (Acknowledge)
20
1
Master
RepeatedStart
21-28
8
Master
See SMBus Address Mode table
29
1
Slave
Ack (Acknowledge)
30-37
8
Slave
Byte count, N (block read back of N
bytes)
38
1
Master
Ack (Acknowledge)
39-46
8
Slave
first data byte (Offset data byte)
47
1
Master
Ack (Acknowledge)
48-55
8
Slave
2nd data byte
Ack (Acknowledge)
:
Master
Ack (Acknowledge)
Slave
Nth data byte
Notacknowledge
Master
Stop
INDEX BYTE WRITE
Setting bit[11:18] = starting address, bit[20:27] = 01h.
INDEX BYTE READ
Setting bit[11:18] = starting address. After reading back the first data byte,
masterissuesStopbit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com