Electronic Components Datasheet Search
  English  ▼

X  

CV145 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CV145 Datasheet HTML 2Page - Renesas Technology Corp CV145 Datasheet HTML 3Page - Renesas Technology Corp CV145 Datasheet HTML 4Page - Renesas Technology Corp CV145 Datasheet HTML 5Page - Renesas Technology Corp CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp CV145 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
COMMERCIALTEMPERATURERANGE
6
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
TARGETED INPUT AND OUTPUT
FREQUENCIES
Input (MHz)
Output (MHz)
m:n
200
200
1:1
267
133
2:1
160
320
1:2
333
167
2:1
200
400
1:2
400
200
2:1
200
133
3:2
133
200
2:3
400
133
3:1
133
167
4:5
167
133
5:4
333
133
5:2
200
267
3:4
267
200
4:3
400
160
5:2
167
200
5:6
200
167
6:5
200
333
3:5
333
200
5:3
267
167
8:5
Targeted
SMBUS ADDRESS MODE SELECTION
SA_[2:0]
BufferAddress
000
D0h(write)D1h(read)
001
D2h,D3h
010
D4h,D5h
011
D6h,D7h
100
D8h,D9h
101
DAh, DBh
110
DCh, DDh
111
Deh, DFh
FUNCTIONALITY AT POWER-UP(1)
FSA
CLK_IN (CPU FSB)
DIF[9:0]Output
DIF[11:10]Output
1
100MHz
100MHz
100MHz
1
133MHz
133MHz
133MHz
1
166MHz
166MHz
166MHz
1
RESERVED
RESERVED
RESERVED
0
200MHz
200MHz
200MHz
0
266.66MHz
266.66MHz
266.66MHz
0
333.33MHz
333.33MHz
333.33MHz
0
400MHz
400MHz
400MHz
NOTE:
1. FSA is a low-threshold input. Please see the VIL_FS and VIH_FS specifications in the
DC OPERATING CHARACTERISTICS table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com