Electronic Components Datasheet Search
  English  ▼

X  

CV145 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CV145 Datasheet HTML 4Page - Renesas Technology Corp CV145 Datasheet HTML 5Page - Renesas Technology Corp CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp CV145 Datasheet HTML 10Page - Renesas Technology Corp CV145 Datasheet HTML 11Page - Renesas Technology Corp CV145 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
COMMERCIALTEMPERATURERANGE
8
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
BYTE 5
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
Revision ID
R
0
6
Revision ID
R
0
5
Revision ID
R
0
4
Revision ID
R
0
3
Vendor ID
R
0
2
Vendor ID
R
1
1
Vendor ID
R
0
0
Vendor ID
R
1
BYTE 4
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
Readback-OE#_17_18Input
R
6
Readback - OE#_16 Input
R
5
Readback - OE#_15 Input
R
4
Readback - OE#_14 Input
Dependsonthestateofthepin
R
3
Readback - OE#_13 Input
R
2
Readback - OE#_12 Input
R
1
Readback - OE#_11 Input
R
0
Readback - OE#_10 Input
R
BYTE 6 - DEVICE ID
BYTE 7 - BYTE COUNT
BYTE 8
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
Readback - FSA Input
LatchValueofpinatpower-up
R
6
Reserved
R
5
Reserved
R
4
DIF_18
OutputEnable
Tristate
Enable
RW
1
3
DIF_17
OutputEnable
Tristate
Enable
RW
1
2
DIF_16
OutputEnable
Tristate
Enable
RW
1
1
DIF_15
OutputEnable
Tristate
Enable
RW
1
0
DIF_14
OutputEnable
Tristate
Enable
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com