Electronic Components Datasheet Search
  English  ▼

X  

CV145 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CV145 Datasheet HTML 5Page - Renesas Technology Corp CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp CV145 Datasheet HTML 10Page - Renesas Technology Corp CV145 Datasheet HTML 11Page - Renesas Technology Corp CV145 Datasheet HTML 12Page - Renesas Technology Corp CV145 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
9
OUTPUT RELATIONAL TIMING PARAMETERS
PLL BANDWIDTH AND PEAKING
DC OPERATING CHARACTERISTICS
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: VDD/VDDA = 3.3V ± 5%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDDA
3.3 V Core Supply Voltage
3.3 V ±5%
3.135
-
3.465
V
VDD
3.3 V I/O Supply Voltage
3.3 V ±5%
3.135
-
3.465
V
IDD
3.3 V Supply Current
3.3 V ±5%, 0 to 70C
-
450
600
mA
IDDPD
3.3 V Power Down Supply Current
3.3 V ±5%, 0 to 70C
-
20
36
mA
VIH
3.3 V Input High Voltage
Vdd
2.0
-
Vdd+0.3
V
VIL
3.3 V Input Low Voltage
Vss-0.3
-
0.8
V
IIL
Input Leakage Current
0 < Vin < Vdd
-5
-
5
µA
Cin
Input Pin Capacitance
1.5
-
5
pF
Cout
Output Pin Capacitance
-
-
6
pF
Lpin
Pin Inductance
-
-
7
nH
Ta
Ambient Temperature
No Airflow
0
-
70
°C
Group
Parameter
Min.
Typ.
Max.
CLK_IN, DIF [x:0]
Input to Output Skew in PLL mode (1:1 only)
-500ps
0
+500ps
CLK_IN, DIF [x:0]
Input to Output Skew in non PLL mode (1:1 only)
2.5ns
4
4.5ns
DIF
DIFF[x:0] Pin-to-Pin Skew (output within same group)
0ps
115
125ps
DIF
DIFF[x:0] Pin-to-Pin Skew (across all outputs)
0ps
115
150ps
DIF
Accumulated Differential Phase Jitter
-100ps
0
+100ps
Group
Parameter
Min.
Typ.
Max.
Unit
DIF
PLL Peaking (HIGH_BW# = 0)
0
1
2.5
dB
DIF
PLL Peaking (HIGH_BW# = 1)
0
1
2
dB
DIF
PLL Bandwidth (HIGH_BW# = 0)
2
3.8
4
MHz
DIF
PLL Bandwidth (HIGH_BW# = 1)
0.7
0.9
1.4
MHz
Output phase jitter impact
(PCIe: including BW 1.5-22Mhz)
-
99
108
ps
Output phase jitter impact
(FBD/CSI: including BW 11-33Mhz)
-3
3
ps
Rms
DIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com