Electronic Components Datasheet Search
  English  ▼

X  

CV145 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # CV145
Description  1-TO-19 DIFFERENTIAL CLOCK BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV145 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button CV145 Datasheet HTML 6Page - Renesas Technology Corp CV145 Datasheet HTML 7Page - Renesas Technology Corp CV145 Datasheet HTML 8Page - Renesas Technology Corp CV145 Datasheet HTML 9Page - Renesas Technology Corp CV145 Datasheet HTML 10Page - Renesas Technology Corp CV145 Datasheet HTML 11Page - Renesas Technology Corp CV145 Datasheet HTML 12Page - Renesas Technology Corp CV145 Datasheet HTML 13Page - Renesas Technology Corp CV145 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
COMMERCIALTEMPERATURERANGE
10
IDTCV145
1-TO-19DIFFERENTIALCLOCKBUFFER
DIF TIMING CHARACTERISTICS (NON SSC CLOCK INPUT)
DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)
DIF TIMING CHARACTERISTICS (SSC CLOCK INPUT)
DIF 0.7 V AC Timing Characteristics (-0.5% Spread Spectrum Mode)
Min.
Typ.
Max.
Laccuracy
Long Accuracy
-
-
0
ppm
Tperiod
Average Period
-0.30%
-
0.30%
ns
Tabsmin
Absolute Minimum Host CLK Period
-2.50%
-
-
ns
Trise
Rise Time
125
-
700
ps
Tfall
Fall Time
125
-
700
ps
∆Trise
Rise Time Variation
-
-
75
ps
∆Tfall
Fall Time Variation
-
-
75
ps
Rise/Fall Matching
-
-
20%
Vhigh
Voltage HIGH (typ 0.7 Volts)
660
-
850
mV
Vlow
Voltage LOW (typ 0 Volts)
-300
-
150
mV
Vcross absolute
Absolute Crossing Point Voltages
250
-
550
mV
Total ∆ Vcross
Total Variation of Vcross Over All Edges
-
-
140
mV
Tccjitter
PLL Mode Cycle-to-Cycle Jitter
Fin = 100, 166,67, 200,
266.67, 333.33 MHz
-
-
50
ps
Tccjitter
PLL Mode Cycle-to-Cycle Jitter
Fin = 133.33, 400.00 MHz
-
-
75
ps
Tccjitter
Bypass Mode Cycle-to-Cycle Jitter
(Additive)
-
-
50
ps
Duty Cycle
45
-
55
%
Vovs
Maximum Voltage (Overshoot)
-
-
Vh + 0.3V
Vuds
Minimum Voltage (Undershoot)
-
-
-0.3
Vrb
Ringback Voltage
0.2
-
N/A
Volt
Unit
CLK - 100Mhz, 133.3Mhz, 166.6Mhz, 200Mhz,
233.3Mhz, 266.6Mhz, 333Mhz, 400Mhz
Symbol
Parameter
Min.
Typ.
Max.
Laccuracy
Long Accuracy
---
-
0
ppm
Tperiod
Average Period
-0.30%
-
0.53%
ns
Tabsmin
Absolute Minimum Host CLK Period
(period - 0.125ns)
-
-
ns
Trise
Rise Time
125
-
700
ps
Tfall
Fall Time
125
-
700
ps
∆Trise
Rise Time Variation
-
-
75
ps
∆Tfall
Fall Time Variation
-
-
75
ps
Rise/Fall Matching
-
-
20%
Vhigh
Voltage HIGH (typ 0.7 Volts)
660
-
850
mV
Vlow
Voltage LOW (typ 0 Volts)
-300
-
150
mV
Vcross absolute
Absolute Crossing Point Voltages
250
-
550
mV
Vcross relative
Relative Crossing Point Voltages
Calc
-
Calc
Total ∆ Vcross
Total Variation of Vcross Over All Edges
-
-
140
mV
Tccjitter
PLL Mode Cycle-to-Cycle Jitter
Fin = 100, 166,67, 200,
266.67, 333.33 MHz
-
-
50
ps
Tccjitter
PLL Mode Cycle-to-Cycle Jitter
Fin = 133.33, 400.00 MHz
-
-
75
ps
Tccjitter
Bypass Mode Cycle-to-Cycle Jitter
(Additive)
-
-
50
ps
Duty Cycle
45
-
55
%
Vovs
Maximum Voltage (Overshoot)
-
-
Vh + 0.3V
Vuds
Minimum Voltage (Undershoot)
-
-
-0.3
Vrb
Ringback Voltage
Vx ± 0.2
-
N/A
Volt
Unit
CLK - 100Mhz, 133.3Mhz, 166.6Mhz, 200Mhz,
233.3Mhz, 266.6Mhz, 333Mhz, 400Mhz
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com