Electronic Components Datasheet Search
  English  ▼

X  

87LPC769 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 48Page - NXP Semiconductors 87LPC769 Datasheet HTML 49Page - NXP Semiconductors 87LPC769 Datasheet HTML 50Page - NXP Semiconductors 87LPC769 Datasheet HTML 51Page - NXP Semiconductors 87LPC769 Datasheet HTML 52Page - NXP Semiconductors 87LPC769 Datasheet HTML 53Page - NXP Semiconductors 87LPC769 Datasheet HTML 54Page - NXP Semiconductors 87LPC769 Datasheet HTML 55Page - NXP Semiconductors 87LPC769 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
49
EPROM Characteristics
Programming of the EPROM on the 87LPC769 is accomplished with
a serial programming method. Commands, addresses, and data are
transmitted to and from the device on two pins after programming
mode is entered. Serial programming allows easy implementation of
in-circuit programming of the 87LPC769 in an application board.
Details of the programming algorithm may be found in a separate
document that is available on the Philips web site at:
http://www.semiconductors.philips.com/mcu/support/progspecs/
The 87LPC769 contains three signature bytes that can be read and
used by an EPROM programming system to identify the device. The
signature bytes designate the device as an 87LPC769 manufactured
by Philips. The signature bytes may be read by the user program at
addresses FC30h, FC31h and FC60h with the MOVC instruction,
using the DPTR register for addressing.
A special user data area is also available for access via the MOVC
instruction at addresses FCE0h through FCFFh. This “customer
code” space is programmed in the same manner as the main code
EPROM and may be used to store a serial number, manufacturing
date, or other application information.
32-Byte Customer Code Space
A small supplemental EPROM space is reserved for use by the
customer in order to identify code revisions, store checksums, add a
serial number to each device, or any other desired use. This area
exists in the code memory space from addresses FCE0h through
FCFFh. Code execution from this space is not supported, but it may
be read as data through the use of the MOVC instruction with the
appropriate addresses. The memory may be programmed at the
same time as the rest of the code memory and UCFG bytes are
programmed.
System Configuration Bytes
A number of user configurable features of the 87LPC769 must be
defined at power up and therefore cannot be set by the program after
start of execution. Those features are configured through the use of
two EPROM bytes that are programmed in the same manner as the
EPROM program space. The contents of the two configuration bytes,
UCFG1 and UCFG2, are shown in Figures 39 and 40. The values of
these bytes may be read by the program through the use of the
MOVX instruction at the addresses shown in the figure.
BIT
SYMBOL
FUNCTION
UCFG1.7
WDTE
Watchdog timer enable. When programmed (0), disables the watchdog timer. The timer may
still be used to generate an interrupt.
UCFG1.6
RPD
Reset pin disable. When 1 disables the reset function of pin P1.5, allowing it to be used as an
input only port pin.
UCFG1.5
PRHI
Port reset high. When 1, ports reset to a high state. When 0, ports reset to a low state.
UCFG1.4
BOV
This bit should always be programmed to a zero.
UCFG1.3
CLKR
Clock rate select. When 0, the CPU clock rate is divided by 2. This results in machine cycles
taking 12 CPU clocks to complete as in the standard 80C51. For full backward compatibility,
this division applies to peripheral timing as well.
UCFG1.2–0 FOSC2–FSOC0
CPU oscillator type select. See Oscillator section for additional information. Combinations
other than those shown below should not be used. They are reserved for future use.
FOSC2–FOSC0
Oscillator Configuration
1 1 1
External clock input on X1 (default setting for an unprogrammed part).
0 1 1
Internal RC oscillator, 6 MHz
±25%.
0 1 0
Low frequency crystal, 20 kHz to 100 kHz.
0 0 1
Medium frequency crystal or resonator, 100 kHz to 4 MHz.
0 0 0
High frequency crystal or resonator, 4 MHz to 20 MHz.
FOSC0
SU01378
FOSC1
FOSC2
CLKR
BOV
PRHI
RPD
WDTE
0
1
2
3
4
5
6
7
UCFG1
Unprogrammed Value: FFh
Address: FD00h
Figure 39. EPROM System Configuration Byte 1 (UCFG1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com