Electronic Components Datasheet Search
  English  ▼

X  

87LPC769 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 53Page - NXP Semiconductors 87LPC769 Datasheet HTML 54Page - NXP Semiconductors 87LPC769 Datasheet HTML 55Page - NXP Semiconductors 87LPC769 Datasheet HTML 56Page - NXP Semiconductors 87LPC769 Datasheet HTML 57Page - NXP Semiconductors 87LPC769 Datasheet HTML 58Page - NXP Semiconductors 87LPC769 Datasheet HTML 59Page - NXP Semiconductors 87LPC769 Datasheet HTML 60Page - NXP Semiconductors 87LPC769 Datasheet HTML 61Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
54
AC ELECTRICAL CHARACTERISTICS
Tamb = –40 °C to +125 °C, VDD = 2.7 V to 6.0 V unless otherwise specified, VSS = 0 V1, 2, 3
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock
fC
43
Oscillator frequency (VDD = 4.0 V to 6.0 V)
0
20
MHz
fC
43
Oscillator frequency (VDD = 2.7 V to 6.0 V)
0
10
MHz
tC
43
Clock period and CPU timing cycle
1/fC
ns
tCHCX
43
Clock high-time4
fOSC = 20 MHz
20
ns
43
fOSC = 10 MHz
40
ns
tCLCX
43
Clock low-time4
fOSC = 20 MHz
20
ns
43
fOSC = 10 MHz
40
ns
Shift Register
tXLXL
42
Serial port clock cycle time
6tC
ns
tQVXH
42
Output data setup to clock rising edge
5tC – 133
ns
tXHQX
42
Output data hold after clock rising edge
1tC – 80
ns
tXHDV
42
Input data setup to clock rising edge
5tC – 133
ns
tXHDX
42
Input data hold after clock rising edge
0
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for all outputs = 80 pF.
3. Parts are guaranteed to operate down to 0 Hz.
4. Applies only to an external clock source, not when a crystal is connected to the X1 and X2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com