Electronic Components Datasheet Search
  English  ▼

X  

87LPC769 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 12Page - NXP Semiconductors 87LPC769 Datasheet HTML 13Page - NXP Semiconductors 87LPC769 Datasheet HTML 14Page - NXP Semiconductors 87LPC769 Datasheet HTML 15Page - NXP Semiconductors 87LPC769 Datasheet HTML 16Page - NXP Semiconductors 87LPC769 Datasheet HTML 17Page - NXP Semiconductors 87LPC769 Datasheet HTML 18Page - NXP Semiconductors 87LPC769 Datasheet HTML 19Page - NXP Semiconductors 87LPC769 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
13
Digital to Analog Converter (DAC) Outputs
The 87LPC769 provides a two channel, 8-bit DAC function. DAC0 is
also a part of the A/D Converter and it should not be enabled while
the A/D is active. Digital outputs must be disabled on the DAC
output pins while the corresponding DAC is enabled, as described in
the section Analog Functions.
The DACs use the power supply as the references: VDD as the
upper reference and VSS as the lower reference. The DAC output is
generated by a tap from a resistor ladder and is not buffered. The
maximum resistance to VDD or VSS from a DAC output is 10kΩ.
Care must be taken with the loading of the DAC outputs in order to
avoid distortion of the output voltage. DAC accuracy is affected by
noise generated on-chip and elsewhere in the application. Since the
87LPC769 power pins are used for the DAC references, the power
supply also affects the accuracy of the DAC outputs.
The ideal DAC output may be calculated as follows:
Result
+ (DAC Value ) 0.5)
V
DD * VSS
256
where DAC value is the contents of the relevant DAC register:
DAC0 or DAC1.
SU01371
D/A CONVERTER
ENDACn
VREF+ = VDD
DACn pin
VREF– = Vss
ADCON
DACn
Figure 4. DAC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com