Electronic Components Datasheet Search
  English  ▼

X  

87LPC769 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 25Page - NXP Semiconductors 87LPC769 Datasheet HTML 26Page - NXP Semiconductors 87LPC769 Datasheet HTML 27Page - NXP Semiconductors 87LPC769 Datasheet HTML 28Page - NXP Semiconductors 87LPC769 Datasheet HTML 29Page - NXP Semiconductors 87LPC769 Datasheet HTML 30Page - NXP Semiconductors 87LPC769 Datasheet HTML 31Page - NXP Semiconductors 87LPC769 Datasheet HTML 32Page - NXP Semiconductors 87LPC769 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
26
SU01163
KBF (KBI INTERRUPT)
EKB
(FROM IEN1 REGISTER)
P0.7
KBI.7
P0.6
KBI.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
KBI.5
KBI.4
KBI.3
KBI.2
KBI.1
KBI.0
Figure 17. Keyboard Interrupt
BIT
SYMBOL
FUNCTION
KBI.7
—
When set, enables P0.7 as a cause of a Keyboard Interrupt.
KBI.6
—
When set, enables P0.6 as a cause of a Keyboard Interrupt.
KBI.5
—
When set, enables P0.5 as a cause of a Keyboard Interrupt.
KBI.4
—
When set, enables P0.4 as a cause of a Keyboard Interrupt.
KBI.3
—
When set, enables P0.3 as a cause of a Keyboard Interrupt.
KBI.2
—
When set, enables P0.2 as a cause of a Keyboard Interrupt.
KBI.1
—
When set, enables P0.1 as a cause of a Keyboard Interrupt.
KBI.0
—
When set, enables P0.0 as a cause of a Keyboard Interrupt.
Note: the Keyboard Interrupt must be enabled in order for the settings of the KBI register to be effective. The interrupt flag
(KBF) is located at bit 7 of AUXR1.
KBI.0
SU01164
KBI.1
KBI.2
KBI.3
KBI.4
KBI.5
KBI.6
KBI.7
0
1
2
3
4
5
6
7
KBI
Reset Value: 00h
Not Bit Addressable
Address: 86h
Figure 18. Keyboard Interrupt Register (KBI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com