Electronic Components Datasheet Search
  English  ▼

X  

87LPC769 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 33Page - NXP Semiconductors 87LPC769 Datasheet HTML 34Page - NXP Semiconductors 87LPC769 Datasheet HTML 35Page - NXP Semiconductors 87LPC769 Datasheet HTML 36Page - NXP Semiconductors 87LPC769 Datasheet HTML 37Page - NXP Semiconductors 87LPC769 Datasheet HTML 38Page - NXP Semiconductors 87LPC769 Datasheet HTML 39Page - NXP Semiconductors 87LPC769 Datasheet HTML 40Page - NXP Semiconductors 87LPC769 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
34
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer,
which is an 8-bit Counter with a divide-by-32 prescaler. Figure 27
shows Mode 0 operation.
In this mode, the Timer register is configured as a 13-bit register. As
the count rolls over from all 1s to all 0s, it sets the Timer interrupt
flag TFn. The count input is enabled to the Timer when TRn = 1 and
either GATE = 0 or INTn = 1. (Setting GATE = 1 allows the Timer to
be controlled by external input INTn, to facilitate pulse width
measurements). TRn is a control bit in the Special Function Register
TCON (Figure 26). The GATE bit is in the TMOD register.
The 13-bit register consists of all 8 bits of THn and the lower 5 bits
of TLn. The upper 3 bits of TLn are indeterminate and should be
ignored. Setting the run flag (TRn) does not clear the registers.
Mode 0 operation is the same for Timer 0 and Timer 1. See
Figure 27. There are two different GATE bits, one for Timer 1
(TMOD.7) and one for Timer 0 (TMOD.3).
BIT
SYMBOL
FUNCTION
TCON.7
TF1
Timer 1 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware when the
interrupt is processed, or by software.
TCON.6
TR1
Timer 1 Run control bit. Set/cleared by software to turn Timer/Counter 1 on/off.
TCON.5
TF0
Timer 0 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware when the
processor vectors to the interrupt routine, or by software.
TCON.4
TR0
Timer 0 Run control bit. Set/cleared by software to turn Timer/Counter 0 on/off.
TCON.3
IE1
Interrupt 1 Edge flag. Set by hardware when external interrupt 1 edge is detected. Cleared by
hardware when the interrupt is processed, or by software.
TCON.2
IT1
Interrupt 1 Type control bit. Set/cleared by software to specify falling edge/low level triggered
external interrupts.
TCON.1
IE0
Interrupt 0 Edge flag. Set by hardware when external interrupt 0 edge is detected. Cleared by
hardware when the interrupt is processed, or by software.
TCON.0
IT0
Interrupt 0 Type control bit. Set/cleared by software to specify falling edge/low level triggered
external interrupts.
IT0
SU01172
IE0
IT1
IE1
TR0
TF0
TR1
TF1
0
1
2
3
4
5
6
7
TCON
Reset Value: 00h
Bit Addressable
Address: 88h
Figure 26. Timer/Counter Control Register (TCON)
SU01173
TLN
(5-BITS)
THN
(8-BITS)
OSC/6
OR
OSC/12
OVERFLOW
Tn PIN
TnOE
TOGGLE
CONTROL
C/T = 1
C/T = 0
Tn PIN
TRn
GATE
INTn PIN
INTERRUPT
TFn
Figure 27. Timer/Counter 0 or 1 in Mode 0 (13-Bit Counter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com