Electronic Components Datasheet Search
  English  ▼

X  

87LPC769 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 10Page - NXP Semiconductors 87LPC769 Datasheet HTML 11Page - NXP Semiconductors 87LPC769 Datasheet HTML 12Page - NXP Semiconductors 87LPC769 Datasheet HTML 13Page - NXP Semiconductors 87LPC769 Datasheet HTML 14Page - NXP Semiconductors 87LPC769 Datasheet HTML 15Page - NXP Semiconductors 87LPC769 Datasheet HTML 16Page - NXP Semiconductors 87LPC769 Datasheet HTML 17Page - NXP Semiconductors 87LPC769 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
11
RC clock frequency of 4.5 MHz (6 MHz - 25%). Minimum times for
RCCLK = 1 use an RC clock frequency of 7.5 MHz (6 MHz + 25%).
Nominal time assume an ideal RC clock frequency of 6 MHz and an
average of 3.5 machine cycles at the CPU clock rate.
Table 1. Example A/D Conversion Times
CPU Clock Rate
RCCLK = 0
RCCLK = 1
CPU Clock Rate
RCCLK = 0
minimum
nominal
maximum
32 kHz
NA
563.4
µs
659
µs
757
µs
1 MHz
186
µs
32.4
µs
39.3
µs
48.9
µs
4 MHz
46.5
µs
18.9
µs
23.6
µs
30.1
µs
Note: Do not clock ADC from the RC oscillator when MCU clock is greater than 4 MHz.
AD0 (P0.3)
AD1 (P0.4)
VREF+ = VDD
AADR1
AD2 (P0.5)
AD3 (P0.6)
00
01
10
11
VREF- = VSS
ADCON
A/D Converter
AADR0
DAC0
(A/D result)
SU01356
Figure 3. A/D Converter Connections
The A/D in Power Down and Idle Modes
While using the CPU clock as the A/D clock source, the Idle mode
may be used to conserve power and/or to minimize system noise
during the conversion. CPU operation will resume and Idle mode
terminate automatically when a conversion is complete if the A/D
interrupt is active. In Idle mode, noise from the CPU itself is
eliminated, but noise from the oscillator and any other on-chip
peripherals that are running will remain.
The CPU may be put into Power Down mode when the A/D is
clocked by the on-chip RC oscillator (RCCLK=1). This mode gives
the best possible A/D accuracy by eliminating most on-chip noise
sources.
If the Power Down mode is entered while the A/D is running from the
CPU clock (RCCLK=0), the A/D will abort operation and will not
wake up the CPU. The contents of DAC0 will be invalid when
operation does resume.
When an A/D conversion is started, Power Down or Idle mode must
be activated within two machine cycles in order to have the most
accurate A/D result. These two machine cycles are counted at the
CPU clock rate. When using the A/D with either Power Down or Idle
mode, care must be taken to insure that the CPU is not restarted by
another interrupt until the A/D conversion is complete. The possible
causes of wakeup are different in Power Down and Idle modes.
A/D accuracy is also affected by noise generated elsewhere in the
application, power supply noise, and power supply regulation. Since
the 87LPC769 power pins are also used as the A/D reference and
supply, the power supply has a very direct affect on the accuracy of
A/D readings. Using the A/D without Power Down mode while the
clock is divided through the use of CLKR or DIVM has an adverse
effect on A/D accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com