Electronic Components Datasheet Search
  English  ▼

X  

LM3743 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3743
Description  N-Channel FET Synchronous Buck Controller for Low Output Voltages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3743 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM3743 Datasheet HTML 15Page - National Semiconductor (TI) LM3743 Datasheet HTML 16Page - National Semiconductor (TI) LM3743 Datasheet HTML 17Page - National Semiconductor (TI) LM3743 Datasheet HTML 18Page - National Semiconductor (TI) LM3743 Datasheet HTML 19Page - National Semiconductor (TI) LM3743 Datasheet HTML 20Page - National Semiconductor (TI) LM3743 Datasheet HTML 21Page - National Semiconductor (TI) LM3743 Datasheet HTML 22Page - National Semiconductor (TI) LM3743 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Application Information (Continued)
power components must be kept close together. The longer
the paths that connect them, the more they act as antennas,
radiating unwanted EMI.
Minimize the Switch Node Copper
The plane that connects the power FETs and output inductor
together radiates more EMI as it gets larger. Use just enough
copper to give low impedance to the switching currents.
Kelvin Traces For Sense Lines
The drain and the source of the high-side FET should be
connected as close as possible to the V
CC filter resistor (R6)
and the SW pin and each pin should connect with a separate
trace. The feedback trace should connect the positive node
of the output capacitor and connect to the top feedback
resistor (R2). Keep this trace away from the switch node and
from the output inductor. If driving the COMP pin low with a
signal BJT or MOSFET make sure to keep the signal tran-
sistor as close as possible to the pin and keep the trace
away from EMI radiating nodes and components.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com