Electronic Components Datasheet Search
  English  ▼

X  

LM3743 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3743
Description  N-Channel FET Synchronous Buck Controller for Low Output Voltages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3743 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3743 Datasheet HTML 1Page - National Semiconductor (TI) LM3743 Datasheet HTML 2Page - National Semiconductor (TI) LM3743 Datasheet HTML 3Page - National Semiconductor (TI) LM3743 Datasheet HTML 4Page - National Semiconductor (TI) LM3743 Datasheet HTML 5Page - National Semiconductor (TI) LM3743 Datasheet HTML 6Page - National Semiconductor (TI) LM3743 Datasheet HTML 7Page - National Semiconductor (TI) LM3743 Datasheet HTML 8Page - National Semiconductor (TI) LM3743 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM3743
N-Channel FET Synchronous Buck Controller for Low
Output Voltages
General Description
The LM3743 is a voltage mode PWM buck controller which
implements synchronous rectification. It provides a low cost,
fault tolerant, and efficient point of load solution. To reduce
component count several parameters are fixed, such as
switching frequency and the short circuit protection level. For
example the LM3743 has an operating switching frequency
of 300 kHz or 1 MHz and a fixed 500 mV high side current
limit for switch node short-circuit protection. LM3743 is a
very fault tolerant IC with switch node short-circuit, output
undervoltage protection, and the ability to self recover after
the removal of the fault. It avoids the need to over design
components due to thermal runaway during a fault condition,
thus resulting in a lower cost solution. It employs a propri-
etary monotonic glitch free pre-bias start-up method suited
for FPGAs and ASIC logic devices. A 0.8V internal reference
with ±1.75% accuracy is ideal for sub-volt conversion. An
external programmable soft-start allows for tracking and tim-
ing flexibility. The driver features 1.6
Ω of pull-up resistance
and 1
Ω of pull-down drive resistance for high power density
and very efficient power processing.
Features
n
Input voltage from 3.0V to 5.5V
n
Output voltage adjustable down to 0.8V
n
Reference accuracy: ±1.75%, over full temperature and
input voltage range
n
Low-side sensing programmable current limit
n
Fixed high-side sensing for supplemental short-circuit
protection
n
Undervoltage protection
n
Hiccup mode protection eliminates thermal runaway
during fault conditions
n
Externally programmable soft-start with tracking
capability
n
Switching frequency options of 1 MHz or 300 kHz
n
Pre-bias start-up capability
n
MSOP-10 package
Applications
n
ASIC/FPGA/DSP core power
n
Broadband Communications
n
Multi-media Set Top Boxes
n
Networking Equipment
n
Printers/Scanners
n
Servers
n
Low Voltage Distributed Power
Typical Application
20177401
September 2006
© 2006 National Semiconductor Corporation
DS201774
www.national.com


Similar Part No. - LM3743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3743 NSC-LM3743 Datasheet
602Kb / 28P
High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
Texas Instruments
LM3743 TI-LM3743 Datasheet
1Mb / 38P
High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
National Semiconductor ...
LM3743MM-1000 NSC-LM3743MM-1000 Datasheet
602Kb / 28P
High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
Texas Instruments
LM3743MM-1000/NOPB TI-LM3743MM-1000/NOPB Datasheet
1Mb / 38P
High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
National Semiconductor ...
LM3743MM-300 NSC-LM3743MM-300 Datasheet
602Kb / 28P
High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
More results

Similar Description - LM3743

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
N-Channel FET Synchronous Buck Regulator Controller
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com