Electronic Components Datasheet Search
  English  ▼

X  

LM3743 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3743
Description  N-Channel FET Synchronous Buck Controller for Low Output Voltages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3743 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3743 Datasheet HTML 1Page - National Semiconductor (TI) LM3743 Datasheet HTML 2Page - National Semiconductor (TI) LM3743 Datasheet HTML 3Page - National Semiconductor (TI) LM3743 Datasheet HTML 4Page - National Semiconductor (TI) LM3743 Datasheet HTML 5Page - National Semiconductor (TI) LM3743 Datasheet HTML 6Page - National Semiconductor (TI) LM3743 Datasheet HTML 7Page - National Semiconductor (TI) LM3743 Datasheet HTML 8Page - National Semiconductor (TI) LM3743 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical Characteristics V
CC = 3.3V, COMP/EN floating unless otherwise indicated in the conditions
column. Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of
-40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
RAMP
PWM Ramp Amplitude
1.0
V
LOGIC INPUTS AND OUTPUTS
V
COMP/EN-HI COMP/EN pin logic high trip-point
0.65
0.9
V
V
COMP/EN-LO COMP/EN pin logic low trip-point
0.1
0.45
V
HICCUP MODE
N
LSCYCLES
Low-side sensing cycles before hiccup
mode
15
Cycles
N
LSRESET
Low-side sensing cycles reset without
activating current limit
32
Cycles
V
UVP
Under Voltage Protection comparator
threshold
400
mV
t
GLICH-UVP
Under Voltage Protection fault time before
hiccup mode
7µs
t
HICCUP
Hiccup timeout
5.5
ms
t
SS
Soft-start time coming out of hiccup mode
3.6
ms
THERMAL RESISTANCE
θ
JA
Junction to Ambient Thermal Resistance
235
˚C/W
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device
operates correctly. Operating Ratings do not imply guaranteed performance limits.
Note 2: Practical lower limit of VCC depends on selection of the external MOSFET. See the MOSFET GATE DRIVERS section under Application Information for
further details.
Note 3: ESD using the human body model which is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22–A114.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com