Electronic Components Datasheet Search
  English  ▼

X  

IDTP9165 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # IDTP9165
Description  Programmable Multi Channel PMIC for Tablet PCs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9165 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button IDTP9165 Datasheet HTML 77Page - Renesas Technology Corp IDTP9165 Datasheet HTML 78Page - Renesas Technology Corp IDTP9165 Datasheet HTML 79Page - Renesas Technology Corp IDTP9165 Datasheet HTML 80Page - Renesas Technology Corp IDTP9165 Datasheet HTML 81Page - Renesas Technology Corp IDTP9165 Datasheet HTML 82Page - Renesas Technology Corp IDTP9165 Datasheet HTML 83Page - Renesas Technology Corp IDTP9165 Datasheet HTML 84Page - Renesas Technology Corp IDTP9165 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
January 27, 2014
81
©2014IntegratedDeviceTechnology,Inc.
IDTP9165
Advanced Datasheet
“1”. Once RSTB is asserted “1” the PENx pin controls the
regulator.
ENPRE, PGPRE
There is a regulator before the IDTP9165 that supplies it
with its input voltage. The battery voltage is the input to
this “pre-regulator”. A logic high voltage on the PGPRE pin
from the pre-regulator signals the IDTP9165 to power up.
When the IDTP9165 goes into the OFF state it will signal
the pre-regulator through a logic low on the ENPRE pin.
This signals the pre-regulator to stop supplying the
IDTP9165’s input voltage. Note that the battery voltage
must be supplied to both the pre-regulator and the
IDTP9165 for this to work. Otherwise once the pre-
regulator shuts off the IDTP9165 is completely off and it
has no way to signal the pre-regulator to begin supplying
the input voltage to the IDTP9165 again
ENPRE
PMIC TURNS OFF PRE-REGULATOR
WHEN ENTERING OFF MODE &
PMIC TURNS ON THE PRE-REGULATOR
WHEN ENTERING ON MODE
EN
POWER GOOD
PGPRE
PRE-REGULATOR TURNS ON PMIC AFTER
VSYS IS GOOD
VSYS
VBATTERY
PRE-REGULATOR
PMIC
Figure 44 – ENPRE PGPRE block diagram
PG0 Pin Function
If PWRGOOD0 (see Table 55) is set to “1” then the PG0
will remain low upon a power up, even after the regulators
are up with the correct voltages. After ~100µs the PG0
becomes a event flag. At that time PWRGOOD0 no longer
has any control over PG0
ADC Considerations
The IDTP9165 includes an analog to digital converter
(ADC). The ADC can measure die temperature, input
voltages, and buck currents. Furthermore, warning levels
can be programmed to alert the user when a specific ADC
value has been reached (see Table 48).
The pins that are connected to the ADC (ANLG0, ANLG1)
have limited input range so attention should be given to
the maximum applied voltage. Decoupling capacitors can
be added to minimize noise.
Basic power states
IDTP9165 is controlled by a state machine. Enabling and
disabling of power rails or any other device function
depends on the power state of the device as well as
enable signals or wake-up events. The device has three
basic power states:
1. ON state definition: This is the fully powered state
for the device. All rails are turned on (if
programmed to be on). The I2C interface is active
to control supply rails or other functions (ADC,
GPIOs). See the – Simplified State Diagram for
entrance and exit signals
2. SLEEP state definition: In the SLEEP state some
rails are turned-off, whereas other rails are still on.
The status of each rail in SLEEP state can be
programmed by I2C. The I2C interface is active to
control supply rails or other functions (ADC,
GPIOs). See the – Simplified State Diagram for
entrance and exit signals
3. OFF state definition: This is the powered off state
of the device. All rails are turned off. The I2C
interface is inactive. The RTC is operational if
VBAT is present and above the UVLO threshold.
RTC is also operational if VBAK is supplied by a
coin cell battery or supercap and above the UVLO
threshold. See the – Simplified State Diagram
for entrance and exit signals
There are some intermediate states between ON, SLEEP,
and OFF state, which control sequencing between the
basic power states or simply add delays before or after
state changes. For example, after leaving OFF state a
4ms delay is added to allow the pre-regulator to ramp-up
to its nominal value before sequencing of regulators is
starting.
State transitions are initiated by external events (e.g.
ONKEY press, THERMAL flag), internal events, or I2C
commands. Figure 45 shows the state diagram with
events triggering a state change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com