Electronic Components Datasheet Search
  English  ▼

X  

IDTP9165 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDTP9165
Description  Programmable Multi Channel PMIC for Tablet PCs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9165 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDTP9165 Datasheet HTML 1Page - Renesas Technology Corp IDTP9165 Datasheet HTML 2Page - Renesas Technology Corp IDTP9165 Datasheet HTML 3Page - Renesas Technology Corp IDTP9165 Datasheet HTML 4Page - Renesas Technology Corp IDTP9165 Datasheet HTML 5Page - Renesas Technology Corp IDTP9165 Datasheet HTML 6Page - Renesas Technology Corp IDTP9165 Datasheet HTML 7Page - Renesas Technology Corp IDTP9165 Datasheet HTML 8Page - Renesas Technology Corp IDTP9165 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
IDTP9165
Advanced Datasheet
January 27, 2014
2
©2014IntegratedDeviceTechnology,Inc.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings (AMR) are stress ratings only. Stresses greater than those listed below (Tables 1 and 2) may
cause permanent damage to the device. Operation of the IDTP9165 at AMR is not implied. Exposure to AMR may affect long-
term reliability.
Table 1 – Absolute Maximum Ratings.
PINS
MAXIMUM
RATING
UNIT
VSEN0 to VGND, VSEN1 to VGND
VINB to VGND
XTAL0 to VGND, XTAL1 to VGND
-0.3 to 2.2
V
VBAT to VGND
-0.3 to 20
V
LDO0 to VGND, LDO1 to VGND
-0.3 to VINA + 0.3
V
LDO0 to VGND, LDOTR to VGND
-0.3 to VSYS + 0.3
V
LDO3 to VGND, LDO4 to VGND
-0.3 to VINB + 0.3
V
LDO5 to VGND
-0.3 to VINC + 0.3
V
LDO6 to VGND, LDO7 to VGND
-0.3 to VIND + 0.3
V
LDO8 to VGND, LDO9 to VGND
-0.3 to VINE + 0.3
V
GPIO0 through GPIO7 to VGND
-0.3 to VSYS + 0.3
V
PGNDA to VGND, PGNDB to VGND, PGND1 to VGND
PGND2 to VGND, PGND3 to VGND, EP to VGND
-0.3 to 0.3
V
All Other Pins to VGND
-0.3V to 6.0
V
Table 2- Package Thermal Information
SYMBOL
DESCRIPTION
MAXIMUM
RATING
UNIT
θJA
Thermal Resistance Junction to Ambient (NQG84 – QFN)
30.6
°
C/W
θJC
Thermal Resistance Junction to Case (NQG84 – QFN)
21.9
°
C/W
θJB
Thermal Characterization Junction to Board (NQG84 – QFN)
1.2
°
C/W
TJ
Junction Temperature
-40 to +125
°
C
TA
Ambient Operating Temperature
-40 to +85
°
C
TSTG
Storage Temperature
-55 to +150
°
C
TLEAD
Lead Temperature (soldering, 10s)
+300
°
C
Note:
The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the device will enter thermal shutdown.This thermal rating was calculated on a JEDEC 4 layer board (4.5”x4.0”),
using a 0.169”x0.169” ePad soldered down, with 16 PCB Thermal vias, arranged in a 4x4 symmetrical array.Actual thermal resistance is affected by PCB
size, solder joint quality, layer count, copper thickness, air flow, altitude, and other unlisted variables.
Table 3 – ESD Information
TEST MODEL
PINS
MAXIMUM
RATING
UNIT
(HBM) Human Body Model
All (except PVIN2, PVIN3)
±
2000
V
PVIN2, PVIN3
±
1000
(CDM) Charge Device Model
All
±
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com