Electronic Components Datasheet Search
  English  ▼

X  

IDTP9165 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # IDTP9165
Description  Programmable Multi Channel PMIC for Tablet PCs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9165 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button IDTP9165 Datasheet HTML 19Page - Renesas Technology Corp IDTP9165 Datasheet HTML 20Page - Renesas Technology Corp IDTP9165 Datasheet HTML 21Page - Renesas Technology Corp IDTP9165 Datasheet HTML 22Page - Renesas Technology Corp IDTP9165 Datasheet HTML 23Page - Renesas Technology Corp IDTP9165 Datasheet HTML 24Page - Renesas Technology Corp IDTP9165 Datasheet HTML 25Page - Renesas Technology Corp IDTP9165 Datasheet HTML 26Page - Renesas Technology Corp IDTP9165 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
January 27, 2014
23
©2014IntegratedDeviceTechnology,Inc.
IDTP9165
Advanced Datasheet
OVERVIEW OF POWER SUPPLIES
Table 20– Power Supply, Inductance, and Output Capacitance Summary
NAME
IOUT [A]
Cont/Pulse
OUTPUT
VO(MIN)
[V]
VO(MAX)
[V]
VSTEPS
[mV]
PFM
DVS
C/L
DCD04
8.0/10.0
Programmable
0.76
1.55
12.5
no
yes
150μF/2x0.47μH
DCD0a5
4.0/5.0
Programmable
0.76
1.55
12.5
no
yes
68μF/0.47μH
DCD0b5
yes
no
68μF/0.47μH
DCD1
4.0/5.0
Programmable
0.76
1.55
12.5
yes
yes
68μF/0.47μH
DCD2
1.5/2.1
Programmable
0.76
3.3
12.5
yes
no
22μF/2.2μH
DCD3
1.5/2.1
Programmable
0.76
3.3
12.5
yes
no
22μF/2.2μH
LDOTR
0.16/0.28
Programmable/
Tracking
DCD0 or DCD1
0.6
1.5
12.5
-
yes
2.2μF
LDO0
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO1
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO2
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO3
0.16/0.2
Programmable
1.0
1.475
25
-
-
2.2μF
LDO4
0.16/0.2
Programmable
1.0
1.475
25
-
-
2.2μF
LDO5
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO6
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO7
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO8
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF
LDO9
0.2/0.26
Programmable
1.0
3.35
50
-
-
1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com