Electronic Components Datasheet Search
  English  ▼

X  

IDTP9165 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # IDTP9165
Description  Programmable Multi Channel PMIC for Tablet PCs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9165 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button IDTP9165 Datasheet HTML 78Page - Renesas Technology Corp IDTP9165 Datasheet HTML 79Page - Renesas Technology Corp IDTP9165 Datasheet HTML 80Page - Renesas Technology Corp IDTP9165 Datasheet HTML 81Page - Renesas Technology Corp IDTP9165 Datasheet HTML 82Page - Renesas Technology Corp IDTP9165 Datasheet HTML 83Page - Renesas Technology Corp IDTP9165 Datasheet HTML 84Page - Renesas Technology Corp IDTP9165 Datasheet HTML 85Page - Renesas Technology Corp IDTP9165 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
IDTP9165
Advanced Datasheet
January 27, 2014
82
©2014IntegratedDeviceTechnology,Inc.
ON
OFF
SLEEP
ONKEY (long)
I2C command, over
temperature
ONKEY2
LID2, ACOK2
PEN0/1
ONKEY, RTC1
LID1, ACOK1
Note 1: If enabled as power-on wakeup
Note 2: Event initiates interrupt, PEN switches
state
ONKEY2
LID2, ACOK2
PEN0/1
NO
POWER
VBAT > UVLO
VBAT < UVLO
Figure 45 – Simplified State Diagram
Power Event Inputs
PEN0 and PEN1 are “Power Enable” pins 0 and 1. These
can be programmed to turn on/off multiple voltage rails
(e.g. DCD0, DCD1 + other LDOs). They are
programmable to active high or low as desired. PEN0,1
are used to transition between the ON and SLEEP states.
The voltage rails return to their programmed values when
turned back on with the PENx pin. PEN0,1 pins are
masked during reset.
The ONKEY pin transitions the system into and out of
SLEEP or full OFF state. Its polarity is a programmable
input (de-bounce time 20ms).The ONKEY pin will initiate
power up sequencing after de-bounce time, if VBAT and
VSYS voltage is above minimum. The ONKEY status
register (see Table 54) indicates that power-on occurred.
An unmaskable forced power down occurs with ~4 sec
power-on hold (ONKEY Long Press). This power-on hold
time is programmable within a range of 2-8 seconds.
Force power down cannot be disabled other than by
clearing the interrupts. The status register is updated for
this occurrence.
DCD0/DCD1 DVS Operation
The DCD0 and DCD1 regulators support Dynamic Voltage
Scalling using the DVS register setting (DCD0_VDVS /
DCD1_DVS) and the DVS enable bit (DCD0_DVS /
DCD1_DVS) to adjust the output voltage of the DCD0
regulator. Once the regulator has: (1) been enabled, (2)
the power-good signal has turned “1”, and (3) the enable
bit for DCD0_DVS has been set to “1”, the regulator will
change from the voltage set in register DCDx_VOUT to
the DVS voltage set in register DCDx_VDVS. The output
voltage ramp rate can be configured in register DCD0_SR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com