Electronic Components Datasheet Search
  English  ▼

X  

IDTP9165 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IDTP9165
Description  Programmable Multi Channel PMIC for Tablet PCs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9165 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IDTP9165 Datasheet HTML 9Page - Renesas Technology Corp IDTP9165 Datasheet HTML 10Page - Renesas Technology Corp IDTP9165 Datasheet HTML 11Page - Renesas Technology Corp IDTP9165 Datasheet HTML 12Page - Renesas Technology Corp IDTP9165 Datasheet HTML 13Page - Renesas Technology Corp IDTP9165 Datasheet HTML 14Page - Renesas Technology Corp IDTP9165 Datasheet HTML 15Page - Renesas Technology Corp IDTP9165 Datasheet HTML 16Page - Renesas Technology Corp IDTP9165 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
January 27, 2014
13
IDTP9165
Advanced Datasheet
Table 14– LDO6, 7, 8, 9 Electrical Characteristics
CO = 1μF, VIN > VO + 0.3V, TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.7
5.25
V
VO
Output voltage range
1.00
3.35
V
ISHDN
Shutdown current
0.1
μA
IQ
Quiescent current
No Load
19
μA
Regulation voltage accuracy
-2
+2
%
Line regulation
50
100
ppm/V
Load regulation
LDO7, 9
1
3
μV/mA
LDO6, 8
1
50
IO
Output current
200
mA
ILIM
Internal current limit
260
mA
Vdrop
Dropout voltage
IO = 200mA, VIN > 1.8V
440
mV
RDIS
Output discharge resistance
10
kΩ
PSRR
Ripple rejection ratio
1V input to output,
IO = 40mA
dB
< 200Hz
> 120
1kHz
120
10kHz
90
100kHz
53
Output noise voltage
VO = 1.2V, VIN > 2.8V
IO = 100μA,
BW = 10Hz to 100kHz
34
μVRMS
Tss
Start-up time
(GBD)
120
μs
Tssr
LDO soft-start ramp rate
35
mV/μs
CO
External output capacitor
De-rated value
0.7
1.2
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com