Electronic Components Datasheet Search
  English  ▼

X  

IDTP9165 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDTP9165
Description  Programmable Multi Channel PMIC for Tablet PCs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTP9165 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDTP9165 Datasheet HTML 17Page - Renesas Technology Corp IDTP9165 Datasheet HTML 18Page - Renesas Technology Corp IDTP9165 Datasheet HTML 19Page - Renesas Technology Corp IDTP9165 Datasheet HTML 20Page - Renesas Technology Corp IDTP9165 Datasheet HTML 21Page - Renesas Technology Corp IDTP9165 Datasheet HTML 22Page - Renesas Technology Corp IDTP9165 Datasheet HTML 23Page - Renesas Technology Corp IDTP9165 Datasheet HTML 24Page - Renesas Technology Corp IDTP9165 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
January 27, 2014
21
©2014IntegratedDeviceTechnology,Inc.
IDTP9165
Advanced Datasheet
TYPICAL PERFORMANCE CHARACTERISTICS – DCD2
CO(DCD2) = 22μF, L = 2.2μH, VO(DCD2) = 1.8V, VPVIN2 = 5V, TA = 25°C
Figure 10. Efficiency
Figure 11. Transient Response (100mA – 1A)
Figure 12. Load Regulation
Figure 13. Line Regulation
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.1
1
10
LoadCurrent (A)
DCD2 Efficiency
Vin=3.6V
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com