Electronic Components Datasheet Search
  English  ▼

X  

MPC9352 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC9352 Datasheet HTML 1Page - Renesas Technology Corp MPC9352 Datasheet HTML 2Page - Renesas Technology Corp MPC9352 Datasheet HTML 3Page - Renesas Technology Corp MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
5
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Table 6. AC Characteristics (VCC = 3.3 V ± 5%, TA = –40° to 85°C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input reference frequency in PLL mode(2)
4 feedback
6 feedback
8 feedback
12 feedback
Input reference frequency in PLL bypass mode(3)
2. PLL mode requires PLL_EN=0 to enable the PLL and zero-delay operation. It is not recommended to use a
2 divider for feedback.
3. In PLL bypass mode, the MPC9352 divides the input reference clock.
50.0
33.3
25.0
16.67
100.0
66.6
50.0
33.3
250.0
MHz
MHz
MHz
MHz
MHz
fVCO
VCO lock frequency range(4)
4. The input frequency fref on CCLK must match the VCO frequency range divided by the feedback divider ratio FB: fref = fVCO  FB.
200
400
MHz
fMAX
Output Frequency
2 output(5)
4 output
6 output
8 output
12 output
5. See Table 9 and Table 10 for output divider configurations.
100
50
33.3
25
16.67
200
100
66.6
50
33.3
MHz
MHz
MHz
MHz
MHz
frefDC
Reference Input Duty Cycle
25
75
%
tr, tf
CCLK Input Rise/Fall Time
1.0
ns
0.8 to 2.0 V
t()
Propagation Delay CCLK to FB_IN
fref > 40 MHz
(static phase offset)
fref < 40 MHz
–50
–200
+150
+150
ps
ps
PLL locked
tsk(O)
Output-to-output Skew(6)
all outputs, any frequency
within QA output bank
within QB output bank
within QC output bank
6. See Applications Information section for part-to-part skew calculation.
200
200
100
100
ps
ps
ps
ps
DC
Output duty cycle
47
50
53
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4 V
tPLZ, HZ
Output Disable Time
8
ns
tPZL, LZ
Output Enable Time
10
ns
tJIT(CC)
Cycle-to-cycle jitter
output frequencies mixed
outputs are in any
4 and 6 combination
all outputs same frequency
400
250
100
ps
ps
ps
tJIT(PER)
Period Jitter
output frequencies mixed
outputs are in any
4 and 6 combination
all outputs same frequency
200
150
75
ps
ps
ps
tJIT()
I/O Phase Jitter
4 feedback divider RMS (1 )(7)
6 feedback divider RMS (1 )
8 feedback divider RMS (1 )
12 feedback divider RMS (1 )
7. See Applications Information section for a jitter calculation for other confidence factors than 1
.
15
20
18 – 20
25
ps
ps
ps
ps
BW
PLL closed loop bandwidth(8)
4 feedback
6 feedback
8 feedback
12 feedback
8. -3 dB point of PLL transfer characteristics.
3.0 – 10.0
1.5 – 6.0
1.0 – 3.5
0.5 – 2.0
MHz
MHz
MHz
MHz
tLOCK
Maximum PLL Lock Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com