Electronic Components Datasheet Search
  English  ▼

X  

MPC9352 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC9352 Datasheet HTML 2Page - Renesas Technology Corp MPC9352 Datasheet HTML 3Page - Renesas Technology Corp MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp MPC9352 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
6
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Table 7. DC Characteristics (VCC = 2.5 V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
–0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH = –15 mA
(1)
1. The MPC9352 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated transmission
line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines per output.
VOL
Output Low Voltage
0.6
V
IOL = 15mA
ZOUT
Output Impedance
17 – 20
IIN
Input Current
200
A
VIN = VCC or
GND
ICCA
Maximum PLL Supply Current
2.0
5.0
mA
VCCA Pin
ICCQ
(2)
2. ICCQ is the DC current consumption of the device with all outputs open in high impedance state and the inputs in its default state or open.
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
Table 8. AC Characteristics (VCC = 2.5 V ± 5%, TA = –40° to 85°C)
(1)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input reference frequency in PLL mode(2)
4 feedback
6 feedback
8 feedback
12 feedback
Input reference frequency in PLL bypass mode(3)
50.0
33.3
25.0
16.67
100.0
66.6
50.0
33.3
250.0
MHz
MHz
MHz
MHz
MHz
fVCO
VCO lock frequency range(4)
200
400
MHz
fMAX
Output Frequency
2 output(5)
4 output
6 output
8 output
12 output
100
50
33.3
25
16.67
200
100
66.6
50
33.3
MHz
MHz
MHz
MHz
MHz
frefDC
Reference Input Duty Cycle
25
75
%
tr, tf
CCLK Input Rise/Fall Time
1.0
ns
0.8 to 2.0 V
t()
Propagation Delay CCLK to FB_IN
fref > 40 MHz
(static phase offset)
fref < 40 MHz
–50
–200
+150
+150
ps
ps
PLL locked
tsk(O)
Output-to-output Skew(6)
all outputs, any frequency
within QA output bank
within QB output bank
within QC output bank
200
200
100
100
ps
ps
ps
ps
DC
Output duty cycle
47
50
53
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.6 to 1.8 V
tPLZ, HZ
Output Disable Time
8
ns
tPZL, ZH
Output Enable Time
10
ns
tJIT(CC)
Cycle-to-cycle jitter
output frequencies mixed RMS (1
)
outputs are in any
4 and 6 combination RMS (1 )
all outputs same frequency RMS (1
)
400
250
100
ps
ps
ps
tJIT(PER)
Period Jitter
output frequencies mixed RMS (1
)
outputs are in any
4 and 6 combination RMS (1 )
all outputs same frequency RMS (1
)
200
150
75
ps
ps
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com