Electronic Components Datasheet Search
  English  ▼

X  

MPC9352 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button MPC9352 Datasheet HTML 3Page - Renesas Technology Corp MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp MPC9352 Datasheet HTML 10Page - Renesas Technology Corp MPC9352 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
7
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
APPLICATIONS INFORMATION
Programming the MPC9352
The MPC9352 supports output clock frequencies from
16.67 to 200 MHz. Different feedback and output divider
configurations can be used to achieve the desired input to
output frequency relationship. The feedback frequency and
divider should be used to situate the VCO in the frequency
lock range between 200 and 400 MHz for stable and optimal
operation. The FSELA, FSELB, FSELC pins select the
desired output clock frequencies. Possible frequency ratios
of the reference clock input to the outputs are 1:1, 1:2, 1:3,
3:2 as well as 2:3, 3:1 and 2:1. Table 9 and Table 10
illustrates the various output configurations and frequency
ratios supported by the MPC9352. See also Figure 3 to
Figure 6 for further reference. A 2 output divider cannot be
used for feedback.
tJIT()
I/O Phase Jitter
4 feedback divider RMS (1 )(7)
6 feedback divider RMS (1 )
8 feedback divider RMS (1 )
12 feedback divider RMS (1 )
15
20
18 – 20
25
ps
ps
ps
ps
BW
PLL closed loop bandwidth(8)
4 feedback
6 feedback
8 feedback
12 feedback
1.0 – 8.0
0.7 – 3.0
0.5 – 2.5
0.4 – 1.0
MHz
MHz
MHz
MHz
tLOCK
Maximum PLL Lock Time
10
ms
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
2. PLL mode requires PLL_EN=0 to enable the PLL and zero-delay operation. It is not recommended to use a
2 divider for feedback.
3. In PLL bypass mode, the MPC9352 divides the input reference clock.
4. The input frequency fref on CCLK must match the VCO frequency range divided by the feedback divider ratio FB: fref = fVCO  FB.
5. See Table 9 and Table 10 for output divider configurations.
6. See application section for part-to-part skew calculation.
7. See application section for a jitter calculation for other confidence factors than 1
.
8. -3 dB point of PLL transfer characteristics.
Table 8. AC Characteristics (VCC = 2.5 V ± 5%, TA = –40° to 85°C)
(1) (Continued)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Table 9. MPC9352 Example Configuration (F_RANGE = 0)
PLL
Feedback
fref(1) [MHz]
1. fref is the input clock reference frequency (CCLK).
FSELA
FSELB
FSELC
QA[0:4]:fref ratio
QB[0:3]:fref ratio
QC[0:1]:fref ratio
VCO
 4(2)
2. QAx connected to FB_IN and FSELA=0.
50-100
0
0
0
fref
(50-100 MHz)
fref
(50-100 MHz)
fref * 2 (100-200 MHz)
0
0
1
fref
(50-100 MHz)
fref
(50-100 MHz)
fref
(50-100 MHz)
1
0
0
fref * 2
3 (33-66 MHz) fref
(50-100 MHz)
fref * 2 (100-200 MHz)
1
0
1
fref * 2
3 (33-66 MHz) fref
(50-100 MHz)
fref
(50-100 MHz)
VCO
 6(3)
3. QAx connected to FB_IN and FSELA=1.
33.3-66.67
1
0
0
fref
(33-66 MHz)
fref * 3
2 (50-100 MHz) fref * 3 (100-200 MHz)
1
0
1
fref
(33-66 MHz)
fref * 3
2 (50-100 MHz) fref * 32 (50-100 MHz)
1
1
0
fref
(33-66 MHz)
fref * 3 (100-200 MHz)
fref * 3 (100-200 MHz)
1
1
1
fref
(33-66 MHz)
fref * 3 (100-200 MHz)
fref * 3
2 (50-100 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com