Electronic Components Datasheet Search
  English  ▼

X  

MPC9352 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp MPC9352 Datasheet HTML 10Page - Renesas Technology Corp MPC9352 Datasheet HTML 11Page - Renesas Technology Corp MPC9352 Datasheet HTML 12Page - Renesas Technology Corp MPC9352 Datasheet HTML 13Page - Renesas Technology Corp MPC9352 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
10
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Power Supply Filtering
The MPC9352 is a mixed analog/digital product. Its analog
circuitry is naturally susceptible to random noise, especially if
this noise is seen on the power supply pins. Random noise
on the VCCA (PLL) power supply impacts the device
characteristics, for instance, I/O jitter. The MPC9352 provides
separate power supplies for the output buffers (VCC) and the
phase-locked loop (VCCA) of the device. The purpose of this
design technique is to isolate the high switching noise digital
outputs from the relatively sensitive internal analog
phase-locked loop. In a digital system environment where it
is more difficult to minimize noise on the power supplies, a
second level of isolation may be required. The simple but
effective form of isolation is a power supply filter on the VCCA
pin for the MPC9352. Figure 7 illustrates a typical power
supply filter scheme. The MPC9352 frequency and phase
stability is most susceptible to noise with spectral content in
the 100 kHz to 20 MHz range; therefore, the filter should be
designed to target this range. The key parameter that needs
to be met in the final filter design is the DC voltage drop
across the series filter resistor RF. From the data sheet, the
ICCA current (the current sourced through the VCCA pin) is
typically 3 mA (5 mA maximum), assuming that a minimum of
2.325 V (VCC =3.3 V or VCC = 2.5 V) must be maintained on
the VCCA pin. The resistor RF shown in Figure 7 should have
a resistance of 5–15
 (V
CC = 3.3 V) or 9–10  (VCC = 2.5 V)
to meet the voltage drop criteria.
Figure 7. VCCA Power Supply Filter
The minimum values for RF and the filter capacitor CF are
defined by the required filter characteristics. The RC filter
should provide an attenuation greater than 40 dB for noise
whose spectral content is above 100 kHz. In the example RC
filter shown in Figure 7, the filter cut-off frequency is around
3–5 kHz and the noise attenuation at 100 kHz is better than
42 dB.
As the noise frequency crosses the series resonant point
of an individual capacitor, its overall impedance begins to
look inductive, and thus, increases with increasing frequency.
The parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL. Although the MPC9352 has
several design features to minimize the susceptibility to
power supply noise (isolated power and grounds and fully
differential PLL), there still may be applications in which
overall performance is being degraded due to system power
supply noise. The power supply filter schemes discussed in
this section should be adequate to eliminate power supply
noise related problems in most designs.
Using the MPC9352 in Zero-Delay Applications
Nested clock trees are typical applications for the
MPC9352. Designs using the MPC9352 as LVCMOS PLL
fanout buffer with zero insertion delay will show significantly
lower clock skew than clock distributions developed from
CMOS fanout buffers. The external feedback option of the
MPC9352 clock driver allows for its use as a zero delay
buffer. One example configuration is to use a
4 output as a
feedback to the PLL and configuring all other outputs to a
divide-by-4 mode. The propagation delay through the device
is virtually eliminated. The PLL aligns the feedback clock
output edge with the clock input reference edge resulting a
near zero delay through the device. The maximum insertion
delay of the device in zero-delay applications is measured
between the reference clock input and any output. This
effective delay consists of the static phase offset, I/O jitter
(phase or long-term jitter), feedback path delay and the
output-to-output skew error relative to the feedback output.
Calculation of Part-to-Part Skew
The MPC9352 zero delay buffer supports applications
where critical clock signal timing can be maintained across
several devices. If the reference clock inputs of two or more
MPC9352 are connected together, the maximum overall
timing uncertainty from the common CCLK input to any
output is:
tSK(PP) = t() + tSK(O) + tPD, LINE(FB) + tJIT()  CF
This maximum timing uncertainty consist of 4 components:
static phase offset, output skew, feedback board trace delay
and I/O (phase) jitter.
Figure 8. MPC9352 Max. Device-to-Device Skew
VCCA
VCC
MPC9352
10 nF
RF = 5–15  for VCC = 3.3 V
RF = 9–10  for VCC = 2.5 V
CF
33...100 nF
RF
VCC
CF = 22 F for VCC = 3.3 V
CF = 22 F for VCC = 2.5 V
tPD,LINE(FB)
tJIT()
+tSK(O)
—t(ý)
+t()
tJIT()
+tSK(O)
tSK(PP)
Max. skew
CCLKCommon
QFBDevice 1
Any QDevice 1
QFBDevice2
Any QDevice 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com