Electronic Components Datasheet Search
  English  ▼

X  

MPC9352 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # MPC9352
Description  3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9352 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button MPC9352 Datasheet HTML 4Page - Renesas Technology Corp MPC9352 Datasheet HTML 5Page - Renesas Technology Corp MPC9352 Datasheet HTML 6Page - Renesas Technology Corp MPC9352 Datasheet HTML 7Page - Renesas Technology Corp MPC9352 Datasheet HTML 8Page - Renesas Technology Corp MPC9352 Datasheet HTML 9Page - Renesas Technology Corp MPC9352 Datasheet HTML 10Page - Renesas Technology Corp MPC9352 Datasheet HTML 11Page - Renesas Technology Corp MPC9352 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MPC9352 REVISION 8 MARCH 14, 2016
8
©2016 Integrated Device Technology, Inc.
MPC9353 Data Sheet
3.3V/2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Table 10. MPC9352 Example Configurations (F_RANGE = 1)
PLL Feedback
fref(1) [MHz]
1. fref is the input clock reference frequency (CCLK).
FSELA
FSELB
FSELC
QA[0:4]:fref ratio
QB[0:3]:fref ratio
QC[0:1]:fref ratio
VCO
 8(2)
2. QAx connected to FB_IN and FSELA=0.
25-50
0
0
0
fref
(25-50 MHz)
fref
(25-50 MHz)
fref * 2
(50-100 MHz)
0
0
1
fref
(25-50 MHz)
fref
(25-50 MHz)
fref
(25-50 MHz)
1
0
0
fref * 2
3 (16-33 MHz) fref
(25-50 MHz)
fref * 2
(50-100 MHz)
1
0
1
fref * 2
3 (16-33 MHz) fref
(25-50 MHz)
fref
(25-50 MHz)
VCO
 12(3)
3. QAx connected to FB_IN and FSELA=1.
16.67-33.3
1
0
0
fref
(16-33 MHz)
fref * 3
2 (25-50 MHz) fref * 3 (50-100 MHz)
1
0
1
fref
(16-33 MHz)
fref * 3
2 (25-50 MHz) fref * 32 (25-50 MHz)
1
1
0
fref
(16-33 MHz)
fref * 3
(50-100 MHz)
fref * 3
(50-100 MHz)
1
1
1
fref
(16-33 MHz)
fref * 3
(50-100 MHz)
fref * 3
2 (25-50 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com