Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 3 Page - Renesas Technology Corp

  X5643P Datasheet HTML 1Page - Renesas Technology Corp X5643P Datasheet HTML 2Page - Renesas Technology Corp X5643P Datasheet HTML 3Page - Renesas Technology Corp X5643P Datasheet HTML 4Page - Renesas Technology Corp X5643P Datasheet HTML 5Page - Renesas Technology Corp X5643P Datasheet HTML 6Page - Renesas Technology Corp X5643P Datasheet HTML 7Page - Renesas Technology Corp X5643P Datasheet HTML 8Page - Renesas Technology Corp X5643P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 3 of 19
July 18, 2005
PRINCIPLES OF OPERATION
Power-on Reset
Application of power to the X5643/X5645 activates a
power-on reset circuit. This circuit goes active at about
1V and pulls the RESET/RESET pin active. This signal
prevents the system microprocessor from starting to oper-
ate with insufficient voltage or prior to stabilization of the
oscillator. When VCC exceeds the device VTRIP value for
200ms (nominal) the circuit releases RESET/RESET,
allowing the processor to begin executing code.
Low Voltage Monitoring
During operation, the X5643/X5645 monitors the VCC
level and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP. The RESET/RESET sig-
nal prevents the microprocessor from operating in a
power fail or brownout condition. The RESET/RESET
signal remains active until the voltage drops below 1V. It
also remains active until VCC returns and exceeds VTRIP
for 200ms.
Watchdog Timer
The watchdog timer circuit monitors the microprocessor
activity by monitoring the WDI input. The microprocessor
must toggle the CS/WDI pin periodically to prevent a
RESET/RESET signal. The CS/WDI pin must be toggled
from HIGH to LOW prior to the expiration of the watchdog
time out period. The state of two nonvolatile control bits
in the status register determine the watchdog timer
period. The microprocessor can change these watchdog
bits, or they may be “locked” by tying the WP pin LOW
and setting the WPEN bit HIGH.
VCC Threshold Reset Procedure
The X5643/X5645 has a standard VCC threshold (VTRIP)
voltage. This value will not change over normal operat-
ing and storage conditions. However, in applications
where the standard VTRIP is not exactly right, or for
higher precision in the VTRIP value, the X5643/X5645
threshold may be adjusted.
Setting the VTRIP Voltage
This procedure sets the VTRIP to a higher voltage value.
For example, if the current VTRIP is 4.4V and the new
VTRIP is 4.6V, this procedure directly makes the change.
If the new setting is lower than the current setting, then it
is necessary to reset the trip point before setting the new
value.
To set the new VTRIP voltage, apply the desired VTRIP
threshold to the Vcc pin and tie the CS/WDI pin and the
WP pin HIGH. RESET/RESET and SO pins are left
unconnected. Then apply the programming voltage VP to
both SCK and SI and pulse CS/WDI LOW then HIGH.
Remove VP and the sequence is complete.
Figure 1. Set VTRIP Voltage
Resetting the VTRIP Voltage
This procedure sets the VTRIP to a “native” voltage level.
For example, if the current VTRIP is 4.4V and the VTRIP is
reset, the new VTRIP is something less than 1.7V. This
procedure must be used to set the voltage to a lower
value.
To reset the VTRIP voltage, apply a voltage between 2.7
and 5.5V to the VCC pin. Tie the CS/WDI pin, the WP pin,
and the SCK pin HIGH. RESET/RESET and SO pins are
left unconnected. Then apply the programming voltage VP
to the SI pin ONLY and pulse CS/WDI LOW then HIGH.
Remove VP and the sequence is complete.
Figure 2. Reset VTRIP Voltage
SCK
SI
VP
VP
CS
SCK
SI
VCC
VP
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com