Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 5 Page - Renesas Technology Corp

  X5643P Datasheet HTML 1Page - Renesas Technology Corp X5643P Datasheet HTML 2Page - Renesas Technology Corp X5643P Datasheet HTML 3Page - Renesas Technology Corp X5643P Datasheet HTML 4Page - Renesas Technology Corp X5643P Datasheet HTML 5Page - Renesas Technology Corp X5643P Datasheet HTML 6Page - Renesas Technology Corp X5643P Datasheet HTML 7Page - Renesas Technology Corp X5643P Datasheet HTML 8Page - Renesas Technology Corp X5643P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 5 of 19
July 18, 2005
Figure 4. Sample VTRIP Reset Circuit
SPI SERIAL MEMORY
The memory portion of the device is a CMOS serial
EEPROM array with Intersil’s block lock protection. The
array is internally organized as x 8. The device features
a Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus.
The device utilizes Intersil’s proprietary Direct Write™
cell, providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
The device is designed to interface directly with the syn-
chronous Serial Peripheral Interface (SPI) of many pop-
ular microcontroller families. It contains an 8-bit
instruction register that is accessed via the SI input, with
data being clocked in on the rising edge of SCK. CS
must be LOW during the entire operation.
All instructions (Table 1), addresses and data are trans-
ferred MSB first. Data input on the SI line is latched on the
first rising edge of SCK after CS goes LOW. Data is out-
put on the SO line by the falling edge of SCK. SCK is
static, allowing the user to stop the clock and then start it
again to resume operations where left off.
Write Enable Latch
The device contains a write enable latch. This latch must
be SET before a write operation is initiated. The WREN
instruction will set the latch and the WRDI instruction will
reset the latch (Figure 3). This latch is automatically
reset upon a power-up condition and after the comple-
tion of a valid Write Cycle.
Status Register
The RDSR instruction provides access to the status register.
The status register may be read at any time, even during a
write cycle. The status register is formatted as follows:
The Write-In-Progress (WIP) bit is a volatile, read only
bit and indicates whether the device is busy with an
internal nonvolatile write operation. The WIP bit is read
using the RDSR instruction. When set to a “1”, a nonvol-
atile write operation is in progress. When set to a “0”, no
write is in progress.
Table 1. Instruction Set
Note:
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
X5643/45
1
2
3
4
8
7
6
5
VTRIP
Adj.
Program
NC
NC
VP
Reset VTRIP
Test VTRIP
Set VTRIP
NC
RESET
4.7K
4.7K
10K
10K
+
7
6
5
4
3
210
WPEN FLB WD1 WD0 BL1
BL0 WEL WIP
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the write enable latch (enable write operations)
SFLB
0000 0000
Set flag bit
WRDI/RFLB
0000 0100
Reset the write enable latch/reset flag bit
RSDR
0000 0101
Read status register
WRSR
0000 0001
Write status register (watchdog, block lock, WPEN & flag bits)
READ
0000 0011
Read data from memory array beginning at selected address
WRITE
0000 0010
Write data to memory array beginning at selected address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com