Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X5643P Datasheet HTML 6Page - Renesas Technology Corp X5643P Datasheet HTML 7Page - Renesas Technology Corp X5643P Datasheet HTML 8Page - Renesas Technology Corp X5643P Datasheet HTML 9Page - Renesas Technology Corp X5643P Datasheet HTML 10Page - Renesas Technology Corp X5643P Datasheet HTML 11Page - Renesas Technology Corp X5643P Datasheet HTML 12Page - Renesas Technology Corp X5643P Datasheet HTML 13Page - Renesas Technology Corp X5643P Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 10 of 19
July 18, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ................... -65°C to +135°C
Storage temperature ........................ -65°C to +150°C
Voltage on any pin with respect to VSS.... -1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds)........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only; the functional operation of the device
(at these or any other conditions above those listed in the
operational sections of this specification) is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
D.C. OPERATING CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.
Max.
ICC1
VCC write current (active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ICC2
VCC read current (active)
0.4
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ISB1
VCC standby current
WDT=OFF
1µA
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
ISB2
VCC standby current
WDT=ON
50
µA
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
ISB3
VCC standby current
WDT=ON
20
µA
CS = VCC, VIN = VSS or VCC,
VCC = 3.6V
ILI
Input leakage current
0.1
10
µA
VIN = VSS to VCC
ILO
Output leakage current
0.1
10
µA
VOUT = VSS to VCC
VIL(1)
Input LOW voltage
-0.5
VCC x 0.3
V
VIH(1)
Input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW voltage
0.4
V
2V < VCC  3.3V, IOL = 1mA
VOL3
Output LOW voltage
0.4
V
VCC  2V, IOL = 0.5mA
VOH1
Output HIGH voltage
VCC - 0.8
V
VCC > 3.3V, IOH = -1.0mA
VOH2
Output HIGH voltage
VCC - 0.4
V
2V < VCC  3.3V, IOH = -0.4mA
VOH3
Output HIGH voltage
VCC - 0.2
V
VCC  2V, IOH = -0.25mA
VOLS
Reset output LOW voltage
0.4
V
IOL = 1mA
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
-40°C
+85°C
Device Option
Supply Voltage
-2.7 or -2.7A
2.7V to 5.5V
Blank or -4.5A
4.5V-5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com