Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5643P Datasheet(HTML) 1 Page - Renesas Technology Corp

  X5643P Datasheet HTML 1Page - Renesas Technology Corp X5643P Datasheet HTML 2Page - Renesas Technology Corp X5643P Datasheet HTML 3Page - Renesas Technology Corp X5643P Datasheet HTML 4Page - Renesas Technology Corp X5643P Datasheet HTML 5Page - Renesas Technology Corp X5643P Datasheet HTML 6Page - Renesas Technology Corp X5643P Datasheet HTML 7Page - Renesas Technology Corp X5643P Datasheet HTML 8Page - Renesas Technology Corp X5643P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN8135 Rev 1.00
Page 1 of 19
July 18, 2005
FN8135
Rev 1.00
July 18, 2005
X5643, X5645 (Replaces X25643, X25645)
CPU Supervisor with 64Kbit SPI EEPROM
DATASHEET
FEATURES
• Selectable watchdog timer
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
—Re-program low VCC reset threshold voltage
using special programming sequence
—Reset signal valid to VCC = 1V
• Determine watchdog or low voltage reset with a
volatile flag bit
• Long battery life with low power consumption
—<50µA max standby current, watchdog on
—<1µA max standby current, watchdog off
—<400µA max active current during read
• 64Kbits of EEPROM
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2 or all of EEPROM array with
Block Lock™ protection
—In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
—32-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply
operation
• Available packages
—8-lead PDIP, 14-lead SOIC
DESCRIPTION
These devices combine four popular functions, Power-
on Reset Control, Watchdog Timer, Supply Voltage
Supervision, and Block Lock Protect Serial EEPROM
Memory in one package. This combination lowers sys-
tem cost, reduces board space requirements, and
increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable time
out interval, the device activates the RESET/RESET
signal. The user selects the interval from three preset
values. Once selected, the interval does not change,
even after cycling the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting
the system when VCC falls below the minimum VCC
trip point. RESET/RESET is asserted until VCC returns
to proper operating level and stabilizes. Five industry
standard VTRIP thresholds are available, however,
Intersil’s unique circuits allow the threshold to be repro-
grammed to meet custom requirements or to fine-tune
the threshold for applications requiring higher precision.
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SI
SO
SCK
CS/WDI
VCC
Reset &
Watchdog
Timebase
Power-on and
Generation
VTRIP
+
-
RESET/RESET
Reset
Low Voltage
Status
Register
Protect Logic
16Kbits
16Kbits
32Kbits
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
X5643 = RESET
X5645 = RESET


Similar Part No. - X5643P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5643P XICOR-X5643P Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5643P INTERSIL-X5643P Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Xicor Inc.
X5643P-4.5A XICOR-X5643P-4.5A Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5643P-4.5A INTERSIL-X5643P-4.5A Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results

Similar Description - X5643P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5643 INTERSIL-X5643 Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
CPU Supervisor with 32kBit SPI EEPROM
June 30, 2008
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5648 RENESAS-X5648 Datasheet
700Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com