Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
7
March 25, 2020
4. Operating Conditions
Important note: The operating conditions given this section set the conditions over which Renesas specifies device operation. These are the
device conditions that the application circuit must not exceed for it to function as intended. Unless otherwise noted, the limits for parameters
that appear in the operating conditions section are used as the test conditions for the limits given in this section, section 5 (Electrical
Characteristics), and section 6 (Interface Characteristics and Nonvolatile Memory).
All voltages in this section are relative to VSSA unless otherwise noted.
Table 3.
Operating Conditions
Requirement
Parameter
Symbol
Conditions
Min
Typical
Max
Unit
DS_050
Supply voltage
VDDE
VDDE to VSSE
4.5
5
5.5
V
DS_051
Operating supply
voltage [a]
VDDE_OP
VDDE to VSSE; specified accuracy is
not guaranteed in this range.
Note for a supply voltage greater than
5.5V: Above the over-voltage limitation
threshold, the output potential is clipped
at this threshold.
VPWR_ON
6
V
DS_052
Ambient
temperature
TTQE
Extended Temperature Range (TQE)
-40
150
C
TTQA
Advanced-Performance Temperature
Range (TQA)
-40
125
C
Informational [b]
Thermal resistance
24-QFN [a]
Rth_JA_QFN 24
According to JESD 51
32
K/W
Informational [b]
Thermal resistance
16-TSSOP [a] with
EPAD
Rth_JA_TSSOP16
According to JESD 51
38
K/W
DS_053
Bridge resistance
[a], [c]
RBR
Output range 4% to 96%
2
15
k
RBR_10-90
Output range 10% to 90%
1
15
k
[a] No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[b] Package-related parameter.
[c] RBR greater than the maximum limit can result in higher noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com