Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151C Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 18Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 19Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 20Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 21Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 22Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 23Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 24Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 25Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
22
March 25, 2020
9. Application Circuit and External Components
Application features:
5V module is powered by the application’s electronic control unit (ECU).
Sensor module with 3-pin connector provides pressure measurement data via ratiometric analog output.
The temperature signal for pressure signal correction can be derived either from the on-chip PTAT or from an external diode, PTC or
bridge TC (connected to TS1 or TS2).
End-of-line calibration uses one-wire communication via the AOUT pin.
Figure 6. 24-QFN Application Circuit Example: Pressure and Temperature Sensor with Analog Output
Bridge Sensor with
Optional On-Chip
PN-Junction
Temperature Sensor
CLOAD
C1
SDA
SCL
OUT
GND
VCC
VDDA
VSSA
C2
19
20
22
21
23
24
1
2
3
4
5
6
18
17
16
15
14
13
12
11
9
10
8
7
TOP
TS1
BOT
BR1N
ZSSC4151C
(Top View)
VSSA
VDDA
SDA
SCL
VDDE
VSSE
TS2
Figure 7. 16-TSSOP Application Circuit Example: Pressure and Temperature Sensor with Analog Output
CLOAD
C1
OUT
GND
VCC
C2
PTC
R1
Temperature
Sensor
VSSA
VDDA
Optional to TS1
BOT
TS1
TOP
n.c.
VSSE
SCL
SDA
2
1
3
TS2
VSSA
4
5
n.c.
6
7
15
16
14
13
12
11
10
VDDE
BR1N
BR1P
AOUT
8
9
VDDA
n.c.
Bridge Sensor with
Optional On-Chip
PN-Junction
Temperature Sensor
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com