Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151C Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 13Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 14Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 15Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
12
March 25, 2020
Requirement
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DS_225
Power-on time [a]
tPWR_ON
VDDE slew rate >0.1V/µs; POC is
released; NVM CRC is verified.
4
ms
DS_226
Limitation threshold of
internal supply voltage
VOV_LIM_TH
5.8
V
[a] No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[b] The specified resistor values are valid for connection loss at the bridge sensor input BR1P and BR1N pins.
 For detection of a connection loss at the positive bridge supply TOP pin, the voltage level at BR1P and/or BR1N must fall below 11% of the
voltage level between the VDDA and VSSA pins.
 For detection of a connection loss at the negative bridge supply BOT pin, the voltage level at BR1P and/or BR1N must rise above 66% of the
voltage level between the VDDA and VSSA pins.
[c] No bridge settling included in timing.
[d] Dependent on the configuration. The specified limit is valid only for ADC resolutions
 15 bits.
[e] FSO: full-scale output. No sensor-caused effects are included in the overall error. ADC input range from 10% to 90% of VSENS; DAC from 5% to
95% of output range.
[f] Power ON/OFF thresholds are tested for functionality in mass production; no level test is processed.
[g] Minimum is | I_OUT | ≥ 6mA driving current.
[h] Maximum limit is | I_OUT_MAX | ≤ 25mA
6. Interface Characteristics and Nonvolatile Memory
Table 5.
Interface Characteristics and Nonvolatile Memory
Note: See important table notes at the end of the table.
Requirement
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
6.1 I2C Interface – only for production purposes
Informational
Power-on time [a]
tPWRUP_I2C
Time to ready for communi-
cation after power-on.
VDDE slew rate > 0.1V/µs
4
ms
Informational
I2C voltage level HIGH [a]
VI2C_HIGH
0.8
VDDA
Informational
I2C voltage level LOW [a]
VI2C_LOW
0.2
VDDA
Informational
Slave output level LOW [a]
VI2C_LOW_OUT
Open drain.
IOL < 4mA
0.1
VDDA
Informational
SDA load capacitance [a]
CI2C_SDA
400
pF
Informational
SCL clock frequency [a]
fI2C
400
kHz
Informational
Internal pull-up resistor [a]
RI2C_PULLUP
25
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com