Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151C Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 16Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 17Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 18Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 19Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 20Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 21Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 22Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 23Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
20
March 25, 2020
8.1.1 Timing Definitions
The relevant timing parameters are listed in Table 7.
Table 7.
Timing Parameters
Symbol
Parameter
Description
OUR
Output update rate
Internal update rate of the main signal data.
ORT
Output response time
Latency from the main signal event to the completion of the AOUT transmission of this signal event.
DTI
Diagnostic testing interval
Rate of fault check processing.
FMT
Fault messaging time
Latency from the fault event to the completion of the AOUT transmission of the fault message.
8.2 Diagnostic Output
ZSSC4151C provides various failsafe tasks to control the proper function of the device and the connected sensor element. When a fault is
detected, a diagnostic output at the AOUT pin is activated if configured for this failsafe task. OWI Rx is enabled to make one-wire communication
possible for reading out the failure status information. Diagnostic output means setting the analog output potential to a level in the lower
diagnostic range (LDR) or in the upper diagnostic range (UDR). LDR and UDR levels are determined either by the external circuitry or are
configured in the ZSSC4151C NVM.
Detected failures are messaged at AOUT pin by the following:
UDR for ground loss (external load resistance connected to the external supply),
LDR for ground loss (external load resistance connected to the external ground)
UDR for supply loss (external load resistance connected to the external supply),
LDR for supply loss (external load resistance connected to the external ground)
LDR for oscillator fail
LDR for NVM CRC failure and for all hardware faults until NVM content is evaluated after power-on
LDR or UDR for all other detected faults according to the configuration in the NVM
8.3 Over-Voltage, Reverse-Polarity, and Short-Circuit Protection
ZSSC4151C is designed for a 5V supply provided by an electronic control unit (ECU).
ZSSC4151C and the connected resistive sensor element are protected from over-voltage and reverse-polarity damage by an internal supply
voltage limiter. The analog output AOUT is protected regarding short circuit, over-voltage, and reverse polarity with all potentials in the protection
range under all potential conditions at the VDDE and VSSE pins. These functions are described in detail in the ZSSC4151C Technical Note –
Power Management.
ZSSC4151C protection applies when the device is operated in the application circuits shown in section 9. The protection voltage is ±40V as
defined in the absolute maximum ratings (see Table 2). When the over-voltage protection is active, the device has a higher power dissipation.
Depending on the ambient temperature and on the external sensor characteristics, the higher power dissipation of the device could lead to a
violation of the maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com