Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151C Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 14Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 15Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 16Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 17Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 18Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 19Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 20Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 21Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
18
March 25, 2020
Recommendation: To achieve the best stability and linearity performance of the AFE, operate the PGA in a differential output voltage range
within 10% to 90% of the ratiometric reference voltage VREF = VSENS = (VTOP – VBOT). The gain must be selected to guarantee this constraint for
the entire operating temperature range of the application and for the specified sensor bridge tolerances.
7.3.5 Analog-to-Digital Converter
The analog-to-digital converter is implemented using the full-differential switched-capacitor technique. The conversion is largely insensitive to
short-term and long-term instabilities of the clock frequency. The ADC provides adjustability for the A/D conversion input voltage range shift.
7.4 Signal Conditioning
7.4.1 Full Bridge Sensor Signal Conditioning
The full-bridge sensor element signal conditioning uses ROM-resident formulas and sensor-element-specific coefficients stored in NVM. The
calculation is processed every time that a new measurement result value is available from the analog-to-digital conversion. The conditioning
calculation provides compensation of the temperature-dependent offset and gain and of the nonlinearity. All temperature sources can be
selected for the conditioning calculation of the full-bridge sensor element signal.
The conditioning coefficients are stored as signed 16-bit values (sint16, two’s complement) whereas the weights are stored as unsigned 4-bit
values (uint4) in the NVM during the calibration process.
All intermediate results and the final conditioning results for the full-bridge are stored as signed 16-bit values (sint16, two’s complement) in the
RAM output memory.
7.4.2 Conditioning Cycle
The conditioning cycle is the sequence of equations and supervision functions processed during the Normal Operation Mode (NOM). It uses
raw measurement results from measurement cycle and delivers conditioned output data for the analog output function.
7.5 Output Stage
The analog output is used for outputting the analog signal conditioning result and for “end of line” communication via the ZACwire™ interface
one-wire communication interface (OWI). The ZSSC4151C supports four different modes of the analog output in combination with the OWI
behavior:
AOUT_CYC_OWI_DIS: Analog output will be activated after a ~7ms power on time. OWI is disabled. Only I2C communication is possible.
AOUT_CYC: Analog output will be activated after a ~7ms power on time. OWI communication is enabled for a time window of ~250ms.
Transmission of the START_CM command must occur during the time window in order to activate the Command Mode. For
communication, the internal driven potential at AOUT must be overwritten by the external communication master (AOUT drive capability is
current limited).
AOUT_WIN: Analog output will be activated after the OWI start time window. OWI communication is enabled for a time window of
~250ms. Transmission of the “START_CM” command must occur during the time window.
OWI: Analog output is deactivated; OWI communication is enabled.
The analog output potential is driven by a unity gain output buffer for which the input signal is generated by a 12-bit resistor-string DAC. The
output buffer, which is a rail-to-rail op amp, is offset compensated and current limited. Therefore, a short-circuit of the analog output to ground
or the power supply does not damage the ZSSC4151C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com