Electronic Components Datasheet Search
  English  ▼

X  

ZSSC4151C Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 19Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 20Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 21Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 22Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 23Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 24Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 25Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 26Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
23
March 25, 2020
Table 9.
Dimensioning of External Components for the Application Example
Note: The component values given here are examples and must be adapted to the requirements of the application, in particular to the EMC
requirements.
Requirement
Component
Symbol
Conditions
Min
Typical
Max
Unit
Informational
Capacitor
C1
VMAX ≥ 60V
Low ESR type
100
1000 + 20%
nF
Informational
Capacitor
C2
VMAX ≥ 10V
Low ESR type
47 – 20%
100
220 + 20%
nF
Informational
Capacitor
CLOAD
VMAX ≥ 60V
Low ESR type
4.7 – 20%
47
100 + 20%
nF
10. ESD Protection and EMC Specification
The level of ESD protection and EMC specifications are tested with devices in 24-QFN 4mm x 4mm packages during the product qualification.
10.1 ESD Protection
All pins have an ESD protection of ≥ 2000V according to the Human Body Model (HBM with 1.5kΩ/100pF, based on MIL883, Method 3015.7).
The VDDE, VSSE, and AOUT pins have an additional ESD protection of ≥ 4000V (HBM with 1.5kΩ/100pF, based on MIL883, Method 3015.7).
In addition, Charged Device Model (CDM) tests are processed with protection levels of ≥ 750V for corner pins and ≥ 500V for all other pins.
10.2 Latch-Up Immunity
All pins pass Renesas’s ±100mA latch-up test based on testing that conforms to the standard EIA/JESD 78.
10.3 Electromagnetic Emission
The wired emission of externally connected pins of the device is measured according to the following standard: IEC 61967_4:2002 + A1:2006.
Measurements must be performed with the application circuits described in section 9.
For the off-board pins, the spectral power measured with the 150Ω method must not exceed the limits according to IEC 61967_4k, Annex B.4
code H10kN. For the VSSE pin, the spectral power measured with the 1Ω method must not exceed the limits according to IEC 61967_4k,
Annex B.4 code 15KmO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com