Electronic Components Datasheet Search
  English  ▼

X  

AD7401 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7401
Description  Isolated Sigma-Delta Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7401 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7401 Datasheet HTML 5Page - Analog Devices AD7401 Datasheet HTML 6Page - Analog Devices AD7401 Datasheet HTML 7Page - Analog Devices AD7401 Datasheet HTML 8Page - Analog Devices AD7401 Datasheet HTML 9Page - Analog Devices AD7401 Datasheet HTML 10Page - Analog Devices AD7401 Datasheet HTML 11Page - Analog Devices AD7401 Datasheet HTML 12Page - Analog Devices AD7401 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7401
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, using 25 kHz brick-wall filter, unless otherwise noted.
100
0
0
1000
SUPPLY RIPPLE FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
100
200
300
400
500
600
700
800
900
MCLKIN = 10MHz
MCLKIN = 5MHz
MCLKIN = 16MHz
200mV p-p SINE WAVE ON VDD1
NO DECOUPLING
VDD1 =VDD2 =5V
1MHz CUTOFF FILTER
Figure 6. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
–90
–50
0
10k
INPUT FREQUENCY (Hz)
–85
–80
–75
–70
–65
–60
–55
1k
2k
3k
4k
5k
6k
7k
8k
9k
VDD1 =VDD2 =5 V
VDD1 =VDD2 =5V
MCLKIN = 16MHz
MCLKIN = 5MHz
MCLKIN = 10MHz
Figure 7. SINAD vs. Analog Input Frequency
20
–180
030
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
5
101520
25
4096 POINT FFT
FIN =5kHz
SINAD = 81.984dB
THD = –96.311dB
DECIMATION BY 256
Figure 8. Typical FFT (±200 mV Range)
–90
–50
0.17
0.33
± INPUT AMPLITUDE (V)
–85
–80
–75
–70
–65
–60
–55
0.18 0.19 0.20 0.21 0.22 0.23 0.24 0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32
MCLKIN = 16MHz
MCLKIN = 10MHz
VDD1 =VDD2 =5V
Figure 9. SINAD vs. VIN
0.4
–0.5
0
60k
CODE
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
10k
20k
30k
40k
50k
VIN+ = –200mV TO +200mV
VIN–= 0V
Figure 10. Typical DNL (±200 mV Range)
0.8
–0.4
0
60k
CODE
VIN+ = –200mV TO +200mV
VIN–= 0V
0.6
0.4
0.2
0
–0.2
10k
20k
30k
40k
50k
Figure 11. Typical INL (±200 mV Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com